Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXBOD1-10 Datasheet(PDF) 7 Page - IXYS Corporation

Part # IXBOD1-10
Description  Breakover Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBOD1-10 Datasheet(HTML) 7 Page - IXYS Corporation

  IXBOD1-10 Datasheet HTML 1Page - IXYS Corporation IXBOD1-10 Datasheet HTML 2Page - IXYS Corporation IXBOD1-10 Datasheet HTML 3Page - IXYS Corporation IXBOD1-10 Datasheet HTML 4Page - IXYS Corporation IXBOD1-10 Datasheet HTML 5Page - IXYS Corporation IXBOD1-10 Datasheet HTML 6Page - IXYS Corporation IXBOD1-10 Datasheet HTML 7Page - IXYS Corporation IXBOD1-10 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
H - 7
© 2000 IXYS All rights reserved
Notice
1. A IXBOD element has a maximum reverse
blocking voltage of 10V.
2. For higher reverse voltages a fast, soft recovery
diode must be connected in series (Fig. 9).
This diode must fulfill the conditions of Fig. 10.
T
: Thyristor
R
1
: Current limiting resistance (0 - 200
Ω)
D
1
: Series-diode (fast recovery diode)
D
3
: Protection diode
D
4
: Zener diode, typical V
Z : 3-6 V
R
2, C2
: Protection against parasitic triggering;
recommended values:
R
2 : 100 - 1000 Ω
C
2 :
22 -
47 nF
R
3, C3
: Snubber network of the thyristor
Example of a circuit
A simple emergency triggering circuit.
Fig. 9 IXBOD protection by a fast recovery
diode.
Fast recovery
IXBOD single
diode
or
IXBOD module
C
3
T
D
4
D
3
C
2
R
2
IXBOD
D
1
z
R
3
R
1
Fig. 10 Maximum peak value of the
reverse current admissible for a given
pulse-width t
B, which is required for the
suitable fast recovery series-diode.
I
R
t
B
0,1
µs
1
2 3 5 7 10
I
R
t
B
t
i
40
20
10
8
6
4
2
1
A


Similar Part No. - IXBOD1-10

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-10 IXYS-IXBOD1-10 Datasheet
158Kb / 5P
   Breakover Diode Gen
More results

Similar Description - IXBOD1-10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BR211SM PHILIPS-BR211SM Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
logo
IXYS Corporation
IXBOD1-13RD IXYS-IXBOD1-13RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211 PHILIPS-BR211 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
BRS212 PHILIPS-BRS212 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
logo
IXYS Corporation
IXBOD1-12RD IXYS-IXBOD1-12RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-40R IXYS-IXBOD1-40R Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-28RD IXYS-IXBOD1-28RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1 IXYS-IXBOD1 Datasheet
158Kb / 5P
   Breakover Diode Gen
logo
List of Unclassifed Man...
CR0300 ETC1-CR0300 Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com