Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITC1000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ITC1000
Description  1000 WATT, 50V, Pulsed Avionics 1030 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ITC1000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ITC1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers ITC1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
R.A.P.990305-BEHRE
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR
USED IN CRITICAL APPLICATIONS, THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
ITC1000
1000 WATT, 50V, Pulsed
Avionics 1030 MHz
GENERAL DESCRIPTION
The ITC1000 is a common base bipolar transistor. It is designed for pulsed
interrogator systems in the frequency band of 1030 MHz. The device has gold
thin-film metallization for proven high MTTF. The transistor includes input
returns for improved output rise time . Low thermal resistance package reduces
junction temperature which extends the life time of the product.
CASE OUTLINE
55SW, Style 1
Common Base
ABSOLUTE MAXIMUM RATINGS
Power Dissipation
Device Dissipation
1 @25
°C (P
d)
3400 W
Thermal Resistance
1 (
θ
JC).08°C/W
Voltage and Current
Collector-Base Voltage
65V
Emitter-Base Voltage
3.5V
Collector Current
1
80A
Temperatures
Storage Temperature
-40 to +150
°C
Operating Junction Temperature
1
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°°°°C
SYMBOL
CHARACTERISTICS
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
BVebo
2
Emitter-Base Breakdown(open)
Ie=50mA
3.5
V
BVces
Collector-Emitter Breakdown(shorted)
Ic=30mA
65
V
BVceo
2
Collector-Emitter Breakdown (open)
Ic=30mA
30
V
hFE
2
DC Current Gain
Ic=5A, Vce=5V
20
45
80
β
FUNCTIONAL CHARACTERISTICS @ 25
°°°°C
GPB
Common Base Power Gain
Vcc = 50V, F = 1030MHz, Pout=1000W,
PW=1
µS, DF=1%
8.0
8.5
dB
η
c
Collector Efficiency
Vcc = 50V, F = 1030MHz, Pout=1000W,
PW=1
µS, DF=1%
35
45
%
tr
Rise Time
Vcc = 50V, F = 1030MHz, Pout=1000W,
PW=1
µS, DF=1%
50
80
nS
VSWR
Output Load Mismatch
Vcc = 50V, F = 1030MHz, Pout=1000W,
PW=1
µS, DF=1%
4:1
Ψ
Zin
Series Input Impedance (Circuit
source impedance @ test cond.)
Vcc = 50V, F = 1030MHz, Pout=1000W,
PW=1
µS, DF=1%
1.0-j2.0
Zout
Series Output Impedance (Circuit
load impedance @ test cond.)
Vcc = 50V, F = 1030MHz, Pout=1000W,
PW=1
µS, DF=1%
0.6-j2.1
1 At rated output power and pulse conditions
2 Contains input returns and cannot be measured
Initial Issue May 1999


Similar Part No. - ITC1000

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
ITC100P CLARE-ITC100P Datasheet
392Kb / 4P
   Integrated Telecom Circuits
ITC100PTR CLARE-ITC100PTR Datasheet
392Kb / 4P
   Integrated Telecom Circuits
More results

Similar Description - ITC1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ITC1100 ETC1-ITC1100 Datasheet
135Kb / 2P
   1000 WATT, 50V, Pulsed Avionics 1030 MHz
logo
GHz Technology
TCS450 GHZTECH-TCS450 Datasheet
142Kb / 2P
   450 Watts, 45 Volts, Pulsed Avionics 1030 MHz
logo
List of Unclassifed Man...
TCS800 ETC-TCS800 Datasheet
19Kb / 2P
   800 Watts, 50 Volts, Pulsed Avionics 1030 MHz
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
   400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
   150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
   175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
logo
Microsemi Corporation
10502 MICROSEMI-10502 Datasheet
141Kb / 4P
   500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
TPR500A MICROSEMI-TPR500A Datasheet
37Kb / 1P
   500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
   500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
logo
GHz Technology
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
   500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com