Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISP1181A Datasheet(PDF) 5 Page - NXP Semiconductors

Part # ISP1181A
Description  Full-speed Universal Serial Bus peripheral controller
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1181A Datasheet(HTML) 5 Page - NXP Semiconductors

  ISP1181A Datasheet HTML 1Page - NXP Semiconductors ISP1181A Datasheet HTML 2Page - NXP Semiconductors ISP1181A Datasheet HTML 3Page - NXP Semiconductors ISP1181A Datasheet HTML 4Page - NXP Semiconductors ISP1181A Datasheet HTML 5Page - NXP Semiconductors ISP1181A Datasheet HTML 6Page - NXP Semiconductors ISP1181A Datasheet HTML 7Page - NXP Semiconductors ISP1181A Datasheet HTML 8Page - NXP Semiconductors ISP1181A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
Philips Semiconductors
ISP1181A
Full-speed USB peripheral controller
Product data
Rev. 05 — 08 December 2004
5 of 70
9397 750 13959
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
6.2 Pin description
Fig 3.
Pin configuration HVQFN48.
ISP1181ABS
004aaa021
DATA4
DATA3
DATA5
DATA1
VCC(3.3)
A0
DATA6
DATA2
GND
AD0
RD
WR
INT
DACK
EOT
WAKEUP
BUS_CONF0
TEST2
TEST3
TEST1
DREQ
SUSPEND
GL
VBUS
Bottom view
2
1
3
4
5
6
9
7
11
8
10
12
36
34
31
32
35
33
30
29
27
25
28
26
Table 2:
Pin description
Symbol[1]
Pin
Type
Description
TSSOP48
HVQFN48
VCC
1
44
-
supply voltage (3.3 V or 5.0 V)
REGGND
2
45
-
voltage regulator ground supply
Vreg(3.3)
3
46
-
regulated supply voltage (3.3 V
± 10 %)
from internal regulator; used to connect
decoupling capacitor and pull-up resistor on
D
+ line;
Remark: Cannot be used to supply external
devices.
D
4
47
AI/O
USB D
− connection (analog)
D
+
5
48
AI/O
USB D
+ connection (analog)
VBUS
61I
VBUS sensing input
GL
7
2
O
GoodLink LED indicator output (open-drain,
8 mA); the LED is default ON, blinks OFF
upon USB traffic; to connect an LED use a
series resistor of 470
Ω (VCC = 5.0 V) or
330
Ω (VCC = 3.3 V)
WAKEUP
8
3
I
wake-up input (edge triggered,
LOW to HIGH); generates a remote
wake-up from ‘suspend’ state
SUSPEND
9
4
O
‘suspend’ state indicator output (4 mA);
used as power switch control output (active
LOW) for powered-off application


Similar Part No. - ISP1181A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181BBS PHILIPS-ISP1181BBS Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181BDGG PHILIPS-ISP1181BDGG Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1181DGG PHILIPS-ISP1181DGG Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
More results

Similar Description - ISP1181A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1181B PHILIPS-ISP1181B Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 02-07 December 2004
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
8X931AA INTEL-8X931AA Datasheet
226Kb / 30P
   UNIVERSAL SERIAL BUS PERIPHERAL CONTROLLERS
logo
NXP Semiconductors
ISP1181 PHILIPS-ISP1181 Datasheet
1Mb / 69P
   Full-speed Universal Serial Bus interface device
Rev. 01-13 March 2000
logo
National Semiconductor ...
USBN9604 NSC-USBN9604 Datasheet
580Kb / 60P
   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
Texas Instruments
USBN9603-28MX TI-USBN9603-28MX Datasheet
454Kb / 62P
[Old version datasheet]   Universal Serial Bus Full Speed Node Controller with Enhanced DMA Support
logo
National Semiconductor ...
USBN9603 NSC-USBN9603 Datasheet
560Kb / 60P
   Universal Serial Bus Full Speed Function Controller with Enhanced DMA Support
logo
NXP Semiconductors
ISP1161 PHILIPS-ISP1161 Datasheet
2Mb / 127P
   Full-speed Universal Serial Bus single-chip host and device controller
Rev. 01-3 July 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com