Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT5503EFE Datasheet(PDF) 6 Page - Linear Technology

Part # LT5503EFE
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503EFE Datasheet(HTML) 6 Page - Linear Technology

Back Button LT5503EFE Datasheet HTML 2Page - Linear Technology LT5503EFE Datasheet HTML 3Page - Linear Technology LT5503EFE Datasheet HTML 4Page - Linear Technology LT5503EFE Datasheet HTML 5Page - Linear Technology LT5503EFE Datasheet HTML 6Page - Linear Technology LT5503EFE Datasheet HTML 7Page - Linear Technology LT5503EFE Datasheet HTML 8Page - Linear Technology LT5503EFE Datasheet HTML 9Page - Linear Technology LT5503EFE Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT5503
6
TYPICAL PERFOR A CE CHARACTERISTICS
SSB Output Power vs Input Power
VCC1 = 1.8V
Carrier Suppression vs Input Power
VCC1 = 1.8V
SSB Output Power vs Input Power
VCC1 = 3V
Carrier Suppression vs Input Power
VCC1 = 3V
Image Suppression vs Input Power
VCC1 = 3V
SSB Output Power vs Input Power
VCC1 = 5.25V
Carrier Suppression vs Input Power
VCC1 = 5.25V
Image Suppression vs Input Power
VCC1 = 5.25V
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
–2
–4
–6
–8
–10
–12
–14
–16
–18
–20
5503 G08
TA = 85°C
TA = 27°C
TA = –40°C
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
–20
–30
–40
–50
5503 G09
TA = 85°C
TA = 27°C
TA = –40°C
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
–20
–30
–40
–50
5503 G10
TA = 85°C
TA = 27°C
TA = –40°C
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
5503 G11
TA = 85°C
TA = 27°C
TA = –40°C
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
–20
–30
–40
–50
5503 G12
TA = 85°C
TA = 27°C
TA = –40°C
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
–20
–30
–40
–50
5503 G13
TA = 85°C
TA = 27°C
TA = –40°C
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
5503 G14
TA = 85°C
TA = 27°C
TA = –40°C
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
–20
–30
–40
–50
5503 G15
TA = 85°C
TA = 27°C
TA = –40°C
MODRFIN INPUT POWER (dBm)
–24
–22
–20
–18
–16
–14
–12
–10
–20
–30
–40
–50
5503 G16
TA = 85°C
TA = 27°C
TA = –40°C
Image Suppression vs Input
Power VCC1 = 1.8V
2.4GHz matching, MODEN = high, GC1 = GC2 = low (max gain), MODRFIN = 2.45GHz, (I–IB) and (Q–QB) = 100kHz sine at 1VP-P
differential, Q leads I by 90
°, unless otherwise noted. (Test circuit shown in Figure 2.)
(I/Q Modulator)


Similar Part No. - LT5503EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5503EFE-PBF LINER-LT5503EFE-PBF Datasheet
221Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
LT5503EFE-TRPBF LINER-LT5503EFE-TRPBF Datasheet
221Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
More results

Similar Description - LT5503EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5503 LINER-LT5503_15 Datasheet
227Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
LT5503 LINER-LT5503_09 Datasheet
221Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
logo
Teledyne Technologies I...
IQM2811 TELEDYNE-IQM2811 Datasheet
268Kb / 2P
   IQ MIXER MODULATOR/DEMODULATOR
IQM4221 TELEDYNE-IQM4221 Datasheet
272Kb / 2P
   1.9 TO 4.2 GHz IQ MIXER MODULATOR/DEMODULATOR
IQM11621 TELEDYNE-IQM11621 Datasheet
241Kb / 2P
   6.0 TO 10.8 GHz IQ MIXER MODULATOR/DEMODULATOR
logo
Qorvo, Inc
RFMD2080 QORVO-RFMD2080 Datasheet
3Mb / 19P
   45MHz TO 2700MHz IQ MODULATOR WITH 45MHz TO 2700MHz IQ MODULATOR WITH
logo
Infineon Technologies A...
PMB2208 INFINEON-PMB2208 Datasheet
766Kb / 27P
   Mixer and IF Vector Modulator
V1.2 August 1999
logo
Linear Technology
LT5578 LINER-LT5578 Datasheet
212Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
LT5578 LINER-LT5578_15 Datasheet
217Kb / 16P
   0.4GHz to 2.7GHz High Linearity Upconverting Mixer
logo
Mini-Circuits
SMIQ-653H-D++ MINI-SMIQ-653H-D+ Datasheet
1Mb / 17P
   IQ Mixer
REV. OR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com