Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM628128ALR-5 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HM628128ALR-5
Description  131,072-word X 8-bit High Speed CMOS Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128ALR-5 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HM628128ALR-5 Datasheet HTML 1Page - Hitachi Semiconductor HM628128ALR-5 Datasheet HTML 2Page - Hitachi Semiconductor HM628128ALR-5 Datasheet HTML 3Page - Hitachi Semiconductor HM628128ALR-5 Datasheet HTML 4Page - Hitachi Semiconductor HM628128ALR-5 Datasheet HTML 5Page - Hitachi Semiconductor HM628128ALR-5 Datasheet HTML 6Page - Hitachi Semiconductor HM628128ALR-5 Datasheet HTML 7Page - Hitachi Semiconductor HM628128ALR-5 Datasheet HTML 8Page - Hitachi Semiconductor HM628128ALR-5 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Ordering Information
Access
Type No.
time
Package
HM628128ALP–5
55 ns
600-mil 32-pin
HM628128ALP–7
70 ns
plastic DIP
HM628128ALP–8
85 ns
(DP-32)
HM628128ALP–10
100 ns
HM628128ALP–5L
55 ns
HM628128ALP–7L
70 ns
HM628128ALP–8L
85 ns
HM628128ALP–10L
100 ns
HM628128ALP–5SL
55 ns
HM628128ALP–7SL
70 ns
HM628128ALP–8SL
85 ns
HM628128ALP–10SL 100 ns
HM628128ALFP–5
55 ns
525-mil 32-pin
HM628128ALFP–7
70 ns
plastic SOP
HM628128ALFP–8
85 ns
(FP-32D)
HM628128ALFP–10
100 ns
HM628128ALFP–5L
55 ns
HM628128ALFP–7L
70 ns
HM628128ALFP–8L
85 ns
HM628128ALFP–10L 100 ns
HM628128ALFP–5SL 55 ns
HM628128ALFP–7SL 70 ns
HM628128ALFP–8SL 85 ns
HM628128ALFP–10SL 100 ns
Access
Type No.
time
Package
HM628128ALT–5
55 ns
8 mm
× 20 mm
HM628128ALT–7
70 ns
32-pin TSOP
HM628128ALT–8
85 ns
(normal type)
HM628128ALT–10
100 ns
(TFP-32D)
HM628128ALT–5L
55 ns
HM628128ALT–7L
70 ns
HM628128ALT–8L
85 ns
HM628128ALT–10L
100 ns
HM628128ALT-5SL
55 ns
HM628128ALT-7SL
70 ns
HM628128ALT-8SL
85 ns
HM628128ALT-10SL
100 ns
HM628128ALR–5
55 ns
8 mm
× 20 mm
HM628128ALR–7
70 ns
32-pin TSOP
HM628128ALR–8
85 ns
(reverse type)
HM628128ALR–10
100 ns
(TFP-32DR)
HM628128ALR–5L
55 ns
HM628128ALR–7L
70 ns
HM628128ALR–8L
85 ns
HM628128ALR–10L
100 ns
HM628128ALR-5SL
55 ns
HM628128ALR-7SL
70 ns
HM628128ALR-8SL
85 ns
HM628128ALR-10SL 100 ns
2
HM628128A Series


Similar Part No. - HM628128ALR-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628128 HITACHI-HM628128 Datasheet
124Kb / 20P
   1 M SRAM (128-kword x 8-bit)
HM628128B HITACHI-HM628128B Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628128BLF-7 HITACHI-HM628128BLF-7 Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628128BLF-7SL HITACHI-HM628128BLF-7SL Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
HM628128BLF-8 HITACHI-HM628128BLF-8 Datasheet
627Kb / 19P
   1 M SRAM (128-KWORD X 8 BIT)
More results

Similar Description - HM628128ALR-5

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC518128AP TOSHIBA-TC518128AP Datasheet
574Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
logo
Sony Corporation
CXK591000TM SONY-CXK591000TM Datasheet
271Kb / 13P
   131,072-word X 9-bit High Speed CMOS Static RAM
logo
Toshiba Semiconductor
TC518129BFL TOSHIBA-TC518129BFL Datasheet
477Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC551001AFI TOSHIBA-TC551001AFI Datasheet
453Kb / 8P
   131,072 WORD x 8 BIT STATIC RAM
TC551001AFL TOSHIBA-TC551001AFL Datasheet
297Kb / 10P
   131,072 WORD x 8 BIT STATIC RAM
TC518129AP TOSHIBA-TC518129AP Datasheet
301Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BPL TOSHIBA-TC518128BPL Datasheet
561Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129APL TOSHIBA-TC518129APL Datasheet
376Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518129BPL TOSHIBA-TC518129BPL Datasheet
548Kb / 9P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518128BFL TOSHIBA-TC518128BFL Datasheet
752Kb / 14P
   131,072 WORD x 8 BIT CMOS PSEUDO STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com