Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT707278S15PF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT707278S15PF
Description  HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT707278S15PF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT707278S15PF Datasheet HTML 6Page - Integrated Device Technology IDT707278S15PF Datasheet HTML 7Page - Integrated Device Technology IDT707278S15PF Datasheet HTML 8Page - Integrated Device Technology IDT707278S15PF Datasheet HTML 9Page - Integrated Device Technology IDT707278S15PF Datasheet HTML 10Page - Integrated Device Technology IDT707278S15PF Datasheet HTML 11Page - Integrated Device Technology IDT707278S15PF Datasheet HTML 12Page - Integrated Device Technology IDT707278S15PF Datasheet HTML 13Page - Integrated Device Technology IDT707278S15PF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
6.42
IDT707278S/L
32K x 16 Bank-Switchable Dual-Ported SRAM with External Bank Selects
Industrial and Commercial Temperature Ranges
10
Waveform of Read Cycles(4)
Timing of Power-Up Power-Down
tRC
R/
W
CE
ADDR
tAA
OE
UB, LB
3739 drw 06
(3)
tACE
(3)
tAOE
(3)
tABE
(3)
(1)
tLZ
tOH
(2)
tHZ
DATAOUT
VALID DATA
(3)
(5)
NOTES:
1. Timing depends on which signal is asserted last,
CE, OE, LB, or UB.
2. Timing depends on which signal is de-asserted first
CE, OE, LB, or UB.
3. Start of valid data depends on which timing becomes effective last: tAOE, tACE, tABE, or tAA.
4.
MBSEL = VIH.
5. Refer to Truth Table I.
CE
3739 drw 07
tPU
ICC
ISB
tPD
50%
50%
(5)


Similar Part No. - IDT707278S15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT707278S IDT-IDT707278S Datasheet
130Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
More results

Similar Description - IDT707278S15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT707278 IDT-IDT707278_07 Datasheet
130Kb / 16P
   HIGH-SPEED 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S_07 Datasheet
133Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7278S IDT-IDT70V7278S Datasheet
130Kb / 16P
   HIGH-SPEED 3.3V 32K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT707288S IDT-IDT707288S Datasheet
149Kb / 16P
   HIGH-SPEED 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7288S IDT-IDT70V7288S Datasheet
144Kb / 16P
   HIGH-SPEED 3.3V 64K x 16 BANK-SWITCHABLE DUAL-PORTED SRAM WITH EXTERNAL BANK SELECTS
IDT70V7319S IDT-IDT70V7319S_15 Datasheet
744Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S_15 Datasheet
745Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7599S IDT-IDT70V7599S_15 Datasheet
755Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
IDT70V7339S IDT-IDT70V7339S Datasheet
482Kb / 22P
   HIGH-SPEED 3.3V 512K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com