Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5T915PAI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT5T915PAI
Description  2.5V DIFFERENTIAL 1:5 CLOCK BUFFER TERABUFFER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5T915PAI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT5T915PAI Datasheet HTML 7Page - Integrated Device Technology IDT5T915PAI Datasheet HTML 8Page - Integrated Device Technology IDT5T915PAI Datasheet HTML 9Page - Integrated Device Technology IDT5T915PAI Datasheet HTML 10Page - Integrated Device Technology IDT5T915PAI Datasheet HTML 11Page - Integrated Device Technology IDT5T915PAI Datasheet HTML 12Page - Integrated Device Technology IDT5T915PAI Datasheet HTML 13Page - Integrated Device Technology IDT5T915PAI Datasheet HTML 14Page - Integrated Device Technology IDT5T915PAI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
INDUSTRIALTEMPERATURERANGE
IDT5T915
2.5VDIFFERENTIAL1:5CLOCKBUFFERTERABUFFER
11
POWER SUPPLY CHARACTERISTICS FOR 1.8V LVTTL OUTPUTS(1)
Symbol
Parameter
Test Conditions(2)
Typ.
Max
Unit
IDDQ
Quiescent VDD Power Supply Current
VDDQ = Max., Reference Clock = LOW(3)
20
30
mA
Outputsenabled,Alloutputsunloaded
IDDQQ
Quiescent VDDQ Power Supply Current
VDDQ = Max., Reference Clock = LOW(3)
0.1
0.3
mA
Outputsenabled,Alloutputsunloaded
IDDD
Dynamic VDD Power Supply
VDD = Max., VDDQ = Max., CL = 0pF
20
40
µA/MHz
CurrentperOutput
IDDDQ
Dynamic VDDQ Power Supply
VDD = Max., VDDQ = Max., CL = 0pF
55
80
µA/MHz
CurrentperOutput
ITOT
Total Power VDD Supply Current
VDDQ = 1.8V., FREFERENCE CLOCK = 100MHz, CL = 15pF
25
40
mA
VDDQ = 1.8V., FREFERENCE CLOCK = 200MHz, CL = 15pF
40
60
ITOTQ
Total Power VDDQ Supply Current
VDDQ = 1.8V., FREFERENCE CLOCK = 100MHz, CL = 15pF
50
100
mA
VDDQ = 1.8V., FREFERENCE CLOCK = 200MHz, CL = 15pF
120
240
NOTES:
1. These power consumption characteristics are for all the valid input interfaces and cover the worst case input and output interface combinations.
2. The termination resistors are excluded from these measurements.
3. If the differential input interface is used, the true input is held LOW and the complementary input is held HIGH.
SINGLE-ENDED INPUT AC TEST CONDITIONS FOR 1.8V LVTTL
Symbol
Parameter
Value
Units
VIH
Input HIGH Voltage(1)
VDDI
V
VIL
InputLOWVoltage
0V
VTHI
InputTimingMeasurementReferenceLevel(2)
VDDI/2
mV
tR, tF
InputSignalEdgeRate(3)
2
V/ns
NOTES:
1. VDDI is the nominal 1.8V supply (1.8V ± 0.15V) of the part or source driving the input.
2. A nominal 900mV timing measurement reference level is specified to allow constant, repeatable results in an automatic test equipment (ATE) environment.
3. The input signal edge rate of 2V/ns or greater is to be maintained in the 10% to 90% range of the input waveform.
DIFFERENTIAL INPUT AC TEST CONDITIONS FOR 1.8V LVTTL
Symbol
Parameter
Value
Units
VDIF
Input Signal Swing(1)
VDDI
V
VX
DifferentialInputSignalCrossingPoint(2)
VDDI/2
mV
VTHI
InputTimingMeasurementReferenceLevel(3)
CrossingPoint
V
tR, tF
InputSignalEdgeRate(4)
1.8
V/ns
NOTES:
1. VDDI is the nominal 1.8V supply (1.8V ± 0.15V) of the part or source driving the input. A nominal 1.8V peak-to-peak input pulse level is specified to allow consistent, repeatable
results in an automatic test equipment (ATE) environment. Compliant devices must meet the VDIF (AC) specification under actual use conditions.
2. A nominal 900mV crossing point level is specified to allow consistent, repeatable results in an automatic test equipment (ATE) environment. Compliant devices must meet the
VX specification under actual use conditions.
3. In all cases, input waveform timing is marked at the differential cross-point of the input signals.
4. The input signal edge rate of 1.8V/ns or greater is to be maintained in the 20% to 80% range of the input waveform.


Similar Part No. - IDT5T915PAI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T905 IDT-IDT5T905 Datasheet
102Kb / 17P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
IDT5T9050 IDT-IDT5T9050 Datasheet
52Kb / 7P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER??JR
IDT5T9050PGI IDT-IDT5T9050PGI Datasheet
52Kb / 7P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER??JR
IDT5T905PGI IDT-IDT5T905PGI Datasheet
102Kb / 17P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
IDT5T907 IDT-IDT5T907 Datasheet
105Kb / 17P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
More results

Similar Description - IDT5T915PAI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5T915 IDT-5T915 Datasheet
322Kb / 21P
   2.5V Differential 1:5 Clock Buffer Terabuffer
logo
Renesas Technology Corp
5T915 RENESAS-5T915 Datasheet
527Kb / 22P
   2.5V Differential 1:5 Clock Buffer Terabuffer™
Mar 2020
logo
Integrated Device Techn...
5T9050 IDT-5T9050 Datasheet
177Kb / 9P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
IDT5T905 IDT-IDT5T905 Datasheet
102Kb / 17P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
5T90533 IDT-5T90533 Datasheet
223Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
PulseCore Semiconductor
ASM2P5T905A PULSECORE-ASM2P5T905A Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306_12 Datasheet
163Kb / 17P
   2.5V LVDS 1:6 Clock Buffer Terabuffer
IDT5T9050 IDT-IDT5T9050 Datasheet
52Kb / 7P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER??JR
logo
Renesas Technology Corp
5T90533 RENESAS-5T90533 Datasheet
489Kb / 20P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer™
Mar 2020
logo
Integrated Device Techn...
IDT8R9306I IDT-IDT8R9306I Datasheet
654Kb / 19P
   2.5V LVDS, 1:6 Clock Buffer Terabuffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com