Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT5T9070 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT5T9070
Description  2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5T9070 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT5T9070 Datasheet HTML 1Page - Integrated Device Technology IDT5T9070 Datasheet HTML 2Page - Integrated Device Technology IDT5T9070 Datasheet HTML 3Page - Integrated Device Technology IDT5T9070 Datasheet HTML 4Page - Integrated Device Technology IDT5T9070 Datasheet HTML 5Page - Integrated Device Technology IDT5T9070 Datasheet HTML 6Page - Integrated Device Technology IDT5T9070 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT5T9070
2.5VSINGLEDATARATE1:10CLOCKBUFFERTERABUFFERJR.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions(1)
Typ.
Max
Unit
IDDQ
Quiescent VDD Power Supply Current
VDD = Max., Reference Clock = LOW
1.5
2
mA
Outputsenabled,Alloutputsunloaded
IDDD
Dynamic VDD Power Supply
VDD = Max., VDD = Max., CL = 0pF
150
200
µA/MHz
CurrentperOutput
ITOT
Total Power VDD Supply Current
VDD = 2.5V., FREFERENCE CLOCK = 100MHz, CL = 15pF
70
90
mA
VDD = 2.5V., FREFERENCE CLOCK = 200MHz, CL = 15pF
100
150
INPUT AC TEST CONDITIONS
Symbol
Parameter
Value
Units
VIH
Input HIGH Voltage
VDD
V
VIL
InputLOWVoltage
0V
VTH
InputTimingMeasurementReferenceLevel(1)
VDD/2
V
tR, tF
InputSignalEdgeRate(2)
2
V/ns
NOTES:
1. A nominal 1.25V timing measurement reference level is specified to allow constant, repeatable results in an automatic test equipment (ATE) environment.
2. The input signal edge rate of 2V/ns or greater is to be maintained in the 10% to 90% range of the input waveform.
NOTE:
1. The termination resistors are excluded from these measurements.
AC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE(4)
Symbol
Parameter
Min.
Typ.
Max
Unit
Skew Parameters
tSK(O)
Same Device Output Pin-to-Pin Skew(1)
——
25
ps
tSK(P)
Pulse Skew(2)
——
300
ps
tSK(PP)
Part-to-PartSkew(3)
——
300
ps
Propagation Delay
tPLH
Propagation Delay A to Qn
——
2ns
tPHL
tR
Output Rise Time (20% to 80%)
350
850
ps
tF
Output Fall Time (20% to 80%)
350
850
ps
fO
FrequencyRange
——
200
MHz
OutputGateEnable/DisableDelay
tPGE
OutputGateEnabletoQn
——
3.5
ns
tPGD
Output Gate Enable to Qn Driven to GL Designated Level
——
3ns
NOTES:
1. Skew measured between all outputs under identical input and output transitions and load conditions on any one device.
2. Skew measured is the difference between propagation delay times tPHL and tPLH of any output under identical input and output transitions and load conditions on any one device.
3. Skew measured is the magnitude of the difference in propagation times between any outputs of two devices, given identical transitions and load conditions at identical VDD levels
and temperature.
4. Guaranteed by design.


Similar Part No. - IDT5T9070

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5T907 IDT-IDT5T907 Datasheet
105Kb / 17P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
IDT5T907PAI IDT-IDT5T907PAI Datasheet
105Kb / 17P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
More results

Similar Description - IDT5T9070

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM2P5T9070A PULSECORE-ASM2P5T9070A Datasheet
417Kb / 9P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
logo
Integrated Device Techn...
IDT5T907 IDT-IDT5T907 Datasheet
105Kb / 17P
   2.5V SINGLE DATA RATE 1:10 CLOCK BUFFER TERABUFFER
logo
PulseCore Semiconductor
PCS2P5T907A PULSECORE-PCS2P5T907A Datasheet
752Kb / 21P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer
logo
Renesas Technology Corp
5T907 RENESAS-5T907 Datasheet
428Kb / 20P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer™
Mar 2020
logo
Integrated Device Techn...
5T9050 IDT-5T9050 Datasheet
177Kb / 9P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
IDT5T905 IDT-IDT5T905 Datasheet
102Kb / 17P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER
5T90533 IDT-5T90533 Datasheet
223Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
Renesas Technology Corp
5T9070 RENESAS-5T9070 Datasheet
367Kb / 10P
   2.5V Single Data Rate 1:10 Clock Buffer Terabuffer™ Jr.
Mar 2020
logo
PulseCore Semiconductor
ASM2P5T905A PULSECORE-ASM2P5T905A Datasheet
689Kb / 19P
   2.5V Single Data Rate 1:5 Clock Buffer Terabuffer
logo
Integrated Device Techn...
IDT5T9050 IDT-IDT5T9050 Datasheet
52Kb / 7P
   2.5V SINGLE DATA RATE 1:5 CLOCK BUFFER TERABUFFER??JR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com