Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2A0365 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # ICE2A0365
Description  Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2A0365 Datasheet(HTML) 4 Page - Infineon Technologies AG

  ICE2A0365 Datasheet HTML 1Page - Infineon Technologies AG ICE2A0365 Datasheet HTML 2Page - Infineon Technologies AG ICE2A0365 Datasheet HTML 3Page - Infineon Technologies AG ICE2A0365 Datasheet HTML 4Page - Infineon Technologies AG ICE2A0365 Datasheet HTML 5Page - Infineon Technologies AG ICE2A0365 Datasheet HTML 6Page - Infineon Technologies AG ICE2A0365 Datasheet HTML 7Page - Infineon Technologies AG ICE2A0365 Datasheet HTML 8Page - Infineon Technologies AG ICE2A0365 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Version 2.6
4
25 Dec 2006
CoolSET™-F2
Overview
Type
Package
VDS
FOSC
RDSon
1)
1)
typ @ T=25°C
230VAC ±15%2)
2)
Maximum power rating at Ta=75°C, Tj=125°C and with copper area on PCB = 6cm²
85-265 VAC2)
ICE2A0565
PG-DIP-8-6
650V
100kHz
4.7
23W
13W
ICE2A165
PG-DIP-8-6
650V
100kHz
3.0
31W
18W
ICE2A265
PG-DIP-8-6
650V
100kHz
0.9
52W
32W
ICE2A365
PG-DIP-8-6
650V
100kHz
0.45
67W
45W
ICE2B0565
PG-DIP-8-6
650V
67kHz
4.7
23W
13W
ICE2B165
PG-DIP-8-6
650V
67kHz
3.0
31W
18W
ICE2B265
PG-DIP-8-6
650V
67kHz
0.9
52W
32W
ICE2B365
PG-DIP-8-6
650V
67kHz
0.45
67W
45W
ICE2A0565Z
PG-DIP-7-1
650V
100kHz
4.7
23W
13W
ICE2A180Z
PG-DIP-7-1
800V
100kHz
3.0
29W
17W
ICE2A280Z
PG-DIP-7-1
800V
100KHz
0.8
50W
31W
Type
Package
VDS
FOSC
RDSon
1)
1)
typ @ T=25°C
230VAC ±15%2)
2)
Maximum power rating at Ta=75°C, Tj=125°C and with copper area on PCB = 6cm²
85-265 VAC2)
ICE2A0565G
PG-DSO-16/12
650V
100kHz
4.7Ω
23W
13W
Type
Package
VDS
FOSC
RDSon
1)
1)
typ @ T=25°C
230VAC ±15%2)
2)
Maximum practical continuous power in an open frame design at Ta=75°C, Tj=125°C and RthCA=2.7K/W
85-265 VAC2)
ICE2A765I
PG-TO-220-6-46
650V
100kHz
0.45
240W
130W
ICE2B765I
PG-TO-220-6-46
650V
67kHz
0.45
240W
130W
ICE2A765P2
PG-TO-220-6-47
650V
100kHz
0.45
240W
130W
ICE2B765P2
PG-TO-220-6-47
650V
67kHz
0.45
240W
130W
ICE2A380P2
PG-TO-220-6-47
800V
100kHz
1.89
111W
60W


Similar Part No. - ICE2A0365

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565 Datasheet
3Mb / 37P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.8, 30 Aug 2011
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
ICE2A0565G INFINEON-ICE2A0565G Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
V2.6, 25 Dec 2006
ICE2A0565G INFINEON-ICE2A0565G Datasheet
3Mb / 37P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.8, 30 Aug 2011
More results

Similar Description - ICE2A0365

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2A280ZHKLA1 INFINEON-ICE2A280ZHKLA1 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
V2.6, 25 Dec 2006
ICE2A165 INFINEON-ICE2A165 Datasheet
1Mb / 23P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V3.0, September 2001
ICE2A0565 INFINEON-ICE2A0565_11 Datasheet
3Mb / 37P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.8, 30 Aug 2011
ICE2A380P2 INFINEON-ICE2A380P2 Datasheet
451Kb / 20P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS?
2004-09-23 Version 0.0
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3AR2280JZ INFINEON-ICE3AR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR2280JZ INFINEON-ICE3BR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com