Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICE2A0565 Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # ICE2A0565
Description  Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2A0565 Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button ICE2A0565 Datasheet HTML 27Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 28Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 29Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 30Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 31Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 32Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 33Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 34Page - Infineon Technologies AG ICE2A0565 Datasheet HTML 35Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
CoolSET™-F2
Outline Dimension
Version 2.6
34
25 Dec 2006
Figure 60 PG-TO220-6-46 (Isodrain Package)
Figure 61 PG-TO220-6-47 (Isodrain Package)
Dimensions in mm
B
+0.1
-0.02
1.3
4.4
1)
0.05
±0.3
5.3
8.4
2.4
±0.3
0.5 ±0.1
9.9
A
6.6
7.5
4 x 1.27
7.62
0.25
A
M
B
±0.1
6 x 0.6
0...0.15
Back side, heatsink contour
1) Shear and punch direction no burrs this surface
All metal surfaces tin plated, except area of cut.
PG-TO220-6-46
Isodrain Package
PG-TO220-6-47
Isodrain Package
All metal surfaces tin plated, except area of cut.
1) Shear and punch direction no burrs this surface
Back side, heatsink contour
6.6
9.5 ±0.2
±0.2
9.9
A
7.5
0...0.15
±0.1
6 x 0.6
1.27
4 x
0.25
A
M
B
7.62
1.3 -0.02
4.4
+0.1
B
0.05
1)
±0.1
0.5
2.4
±0.3
5.3
±0.3
8.4


Similar Part No. - ICE2A0565

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565 Datasheet
3Mb / 37P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.8, 30 Aug 2011
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
ICE2A0565G INFINEON-ICE2A0565G Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
V2.6, 25 Dec 2006
ICE2A0565G INFINEON-ICE2A0565G Datasheet
3Mb / 37P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.8, 30 Aug 2011
More results

Similar Description - ICE2A0565

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2A280ZHKLA1 INFINEON-ICE2A280ZHKLA1 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
V2.6, 25 Dec 2006
ICE2A165 INFINEON-ICE2A165 Datasheet
1Mb / 23P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V3.0, September 2001
ICE2A0565 INFINEON-ICE2A0565_11 Datasheet
3Mb / 37P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.8, 30 Aug 2011
ICE2A380P2 INFINEON-ICE2A380P2 Datasheet
451Kb / 20P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS?
2004-09-23 Version 0.0
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3AR2280JZ INFINEON-ICE3AR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR2280JZ INFINEON-ICE3BR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com