Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HM628128ALFP-10 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part No. HM628128ALFP-10
Description  131,072-word X 8-bit High Speed CMOS Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

 
 1 page
background image
HM628128A Series
131,072-word
× 8-bit High Speed CMOS Static RAM
Rev. X
January 1995
The Hitachi HM628128A is a CMOS static RAM
organized 128 kword
× 8 bit. It realizes higher
density, higher performance and low power
consumption by employing 0.8 µm Hi-CMOS
process technology.
It offers low power standby power dissipation;
therefore, it is suitable for battery back-up systems.
The device, packaged in a 525-mil SOP (460-mil
body SOP) or a 600-mil plastic DIP, or a 8
× 20
mm TSOP with thickness of 1.2 mm, is available
for high density mounting. TSOP package is
suitable for cards, and reverse type TSOP is also
provided.
Features
• High speed
— Fast access time: 55/70/85/100 ns (max)
• Low power
— Active: 75 mW (typ)
— Standby: 10 µW (typ)
• Single 5 V supply
• Completely static memory
No clock or timing strobe required
• Equal access and cycle times
• Common data input and output
Three state output
• Directly TTL compatible
All inputs and outputs
• Capability of battery back up operation
2 chip selection for battery back up
ADE-XXX-XXX




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXK591000TM131 072-word X 9-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM628512AI524288-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
HM6264A8192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK581000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK582000TM262144-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5863AP8192 word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
TC558128AJ131 072-WORD BY 8-BIT CMOS STATIC RAM 1 2 3 4 5 MoreToshiba Semiconductor
CXK58257AP32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM 1 2 3 4 5 MoreSony Corporation
TC558128BJ131 072-WORD BY 8-BIT CMOS STATIC RAM 1 2 3 4 5 MoreToshiba Semiconductor
CXK58512TM65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl