Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HM628128ALFP-10 Datasheet(PDF) 6 Page - Hitachi Semiconductor

Part No. HM628128ALFP-10
Description  131,072-word X 8-bit High Speed CMOS Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

 6 page
background image
DC Characteristics (Ta = 0 to +70°C, VCC = 5 V ± 10%, VSS = 0 V)
Parameter
Symbol
Min
Typ*1
Max
Unit
Test conditions
Input leakage current
|ILI|
1.0
µA
Vin = VSS to VCC
Output leakage current
|ILO|
1.0
µA
CS1 = VIH or CS2 = VIL or
OE = VIH or WE = VIL,
VI/O = VSS to VCC
Operating power supply
ICC
—15
30
mA
CS1 = VIL, CS2 = VIH,
current: DC
Others = VIH/VIL
II/O = 0 mA
Operating power supply
ICC1
45
70
mA
Min cycle, duty = 100%,
current
(HM628128
CS1 = VIL, CS2 = VIH,
A-7/8/10)
Others = VIH/VIL
ICC1
—50
80
mA
II/O = 0 mA
(HM628128
A-5)
ICC2
15
25
mA
Cycle time = 1 µs, duty = 100%,
II/O = 0 mA, CS1 ≤ 0.2 V,
CS2
≥ VCC – 0.2 V
VIH ≥ VCC – 0.2 V, VIL ≤ 0.2 V
Standby power supply
ISB
1
2
mA
(1)
CS1 = VIH, CS2 = VIH or
current: DC
(2) CS2 = VIL
Standby power supply
ISB1
2
100
µA
0 V
≤ Vin ≤ VCC ,
current (1): DC
(L version)
(1)
CS1
≥ VCC – 0.2 V,
ISB1
—2
50
µA
CS2
≥ VCC – 0.2 V or
(L-L/L-SL
(2) 0 V
≤ CS2 ≤ 0.2 V
version)
Output voltage
VOL
0.4
V
IOL = 2.1 mA
VOH
2.4
V
IOH = –1.0 mA
Note:
1. Typical values are at VCC = 5.0 V, Ta = +25°C and specified loading.
Capacitance (Ta = 25°C, f = 1.0 MHz)*1
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Input capacitance
Cin
8
pF
Vin = 0 V
Input/output capacitance
CI/O
10
pF
VI/O = 0 V
Note:
1. This parameter is sampled and not 100% tested.
6
HM628128A Series




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXK591000TM131 072-word X 9-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM628512AI524288-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
HM6264A8192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK581000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK582000TM262144-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5863AP8192 word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
TC558128AJ131 072-WORD BY 8-BIT CMOS STATIC RAM 1 2 3 4 5 MoreToshiba Semiconductor
CXK58257AP32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM 1 2 3 4 5 MoreSony Corporation
TC558128BJ131 072-WORD BY 8-BIT CMOS STATIC RAM 1 2 3 4 5 MoreToshiba Semiconductor
CXK58512TM65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl