Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


HM628128ALFP-10 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part No. HM628128ALFP-10
Description  131,072-word X 8-bit High Speed CMOS Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HITACHI [Hitachi Semiconductor]
Homepage  http://www.renesas.com/eng
Logo 

 
 5 page
background image
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Supply voltage relative to VSS
VCC
–0.5 to +7.0
V
Voltage on any pin relative to VSS*1
VT
–0.5 *2 to VCC + 0.3*3
V
Power dissipation
PT
1.0
W
Operating temperature
Topr
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Storage temperature under bias
Tbias
–10 to +85
°C
Note:
1. With respect to VSS
2. –3.0 V for pulse half-width
≤ 30 ns
3. Maximum voltage is 7.0V.
Recommended DC Operating Conditions (Ta = 0 to +70°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply voltage
VCC
4.5
5.0
5.5
V
VSS
000V
Input voltage
VIH
2.2
VCC + 0.3
V
(HM628128A-7/8/10)
VIL
–0.3 *1
0.8
V
Input voltage
VIH
2.4
VCC + 0.3
V
(HM628128A-5)
VIL
–0.3 *1
0.8
V
Note:
1. –3.0 V for pulse half-width
≤ 30 ns
5
HM628128A Series




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXK591000TM131 072-word X 9-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
HM628512AI524288-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
HM6264A8192-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
CXK581000ATM131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK582000TM262144-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
CXK5863AP8192 word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation
TC558128AJ131 072-WORD BY 8-BIT CMOS STATIC RAM 1 2 3 4 5 MoreToshiba Semiconductor
CXK58257AP32768-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM 1 2 3 4 5 MoreSony Corporation
TC558128BJ131 072-WORD BY 8-BIT CMOS STATIC RAM 1 2 3 4 5 MoreToshiba Semiconductor
CXK58512TM65536-word X 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl