Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F002T-45TI Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EN29F002T-45TI
Description  2 Megabit (256K x 8-bit) Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F002T-45TI Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button EN29F002T-45TI Datasheet HTML 5Page - List of Unclassifed Manufacturers EN29F002T-45TI Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29F002T-45TI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F002T-45TI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F002T-45TI Datasheet HTML 9Page - List of Unclassifed Manufacturers EN29F002T-45TI Datasheet HTML 10Page - List of Unclassifed Manufacturers EN29F002T-45TI Datasheet HTML 11Page - List of Unclassifed Manufacturers EN29F002T-45TI Datasheet HTML 12Page - List of Unclassifed Manufacturers EN29F002T-45TI Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
9
EN29F002 / EN29F002N
Rev. C, Issue Date: 2001/07/05
the erase. Then the EN29F002 will automatically time the erase pulse width, verify the erase, return
the sequence count, provide a erase status through DATA POLLING (data on DQ7 is “0” during the
operation and “1” when completed, provided the status is not read from a protected sector), and
returns to the READ mode after completion of Chip Erase.
Sector Erase Command
Sector Erase requires six bus cycles: two unlock write cycles, a setup command, two additional
unlock write cycles, and the Sector Erase command. Any sector may be erased by latching any
address within the desired sector on the falling edge of WE while the Erase Command (30H) is
latched on the rising edge of WE . This device does not support multiple sector erase commands.
Sector Erase operation will commence immediately after the first 30h command is written. The first
sector erase operation must finish before another sector erase command can be given.
The EN29F002 device automatically programs and verifies all memory locations in the selected
sector for an all “0” pattern prior to the erase. Unselected sectors are unaffected by the Sector Erase
command.
The EN29F002 requires no timing signals during sector erase.
Erase is completed
when data on DQ7 becomes “1”, and the device returns to the READ mode after completion of
Sector Erase.
Erase Suspend / Resume Command
Erase suspend allows interruption of sector erase operations to perform data reads from sector not
being erased. Erase suspend applies only to Sector Erase operations.
EN29F002 ignores any commands during erase suspend other than the assertion of the RESET
pin (n/a for EN29F002N) or Erase Resume commands.
Writing erase resume continues erase
operations.
Addresses are DON’T CARE when writing Erase Suspend or Erase Resume
commands.
EN29F002 takes 0.1 - 15
µs to suspend erase operations after receiving Erase Suspend command.
Check completion of erase suspend by polling DQ7 and/or DQ6.
EN29F002 ignores redundant
writes of erase suspend command.
EN29F0002 defaults to erase-suspend-read mode while an erase operation has been suspended.
While in erase-suspend-read mode, EN29F002 allows reading data in any sector not undergoing
sector erase, which is treated as standard read mode.
Write the Resume command 30h to continue operation of Sector erase.
En29F002 ignores
redundant writes of the Resume command. En29F002 permits multiple suspend/resume operations
during sector erase.
Sector Protect and Unprotect
The hardware sector protection feature disables both program and erase operations in any sector.
The hardware sector unprotection feature re-enables both program and erase operation in previously
protected sectors.
Sector protection/unprotection must be implemented using programming equipment. The procedure
requires a high voltage (VID) on address pin A9 and the control pins. Contact Eon Silicon Devices,
Inc. for an additional supplement on this feature.


Similar Part No. - EN29F002T-45TI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JC EON-EN29F002AB-45JC Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JCP EON-EN29F002AB-45JCP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JI EON-EN29F002AB-45JI Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JIP EON-EN29F002AB-45JIP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F002T-45TI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com