Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29F002B-90PI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EN29F002B-90PI
Description  2 Megabit (256K x 8-bit) Flash Memory
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN29F002B-90PI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button EN29F002B-90PI Datasheet HTML 2Page - List of Unclassifed Manufacturers EN29F002B-90PI Datasheet HTML 3Page - List of Unclassifed Manufacturers EN29F002B-90PI Datasheet HTML 4Page - List of Unclassifed Manufacturers EN29F002B-90PI Datasheet HTML 5Page - List of Unclassifed Manufacturers EN29F002B-90PI Datasheet HTML 6Page - List of Unclassifed Manufacturers EN29F002B-90PI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN29F002B-90PI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN29F002B-90PI Datasheet HTML 9Page - List of Unclassifed Manufacturers EN29F002B-90PI Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
4800 Great America Parkway, Suite 202
Tel: 408-235-8680
Santa Clara, CA 95054
Fax: 408-235-8685
6
EN29F002 / EN29F002N
Rev. C, Issue Date: 2001/07/05
USER MODE DEFINITIONS
Reset Mode
EN29F002 features a Reset mode that resets the program and erase operation immediately to read
mode. If reset (RESET = L) is executed when program or erase operation were in progress, the
program or erase which was terminated should be repeated since data will be corrupted. This pin is
not available for EN29F002N.
Standby Mode
The EN29F002 / EN29F002N has a CMOS-compatible standby mode which reduces the current to
<
1µA (typical). It is placed in CMOS-compatible standby when CE and the RESET pins are at VCC ±
0.5 V ( CE pin only, for EN29F002N).
The device also has a TTL-compatible standby mode which
reduces the maximum VCC current to < 1mA. It is placed in TTL-compatible standby when CE and
RESET pins are at VIH.
Another method of entering standby mode uses only the RESET pin (n/a for
EN29F002N). When RESET pin is at VSS ± 0.3V, the device enters CMOS-compatible standby with
current typically reduced to
< 1 µA. When RESET pin is at V
IL, the device enters TTL-compatible
standby with current reduced to
< 1mA. When in standby modes, the outputs are in a high-
impedance state independent of the OE input.
Read Mode
The EN29F002 / EN29F002N has two control functions which must be satisfied in order to obtain
data at the outputs. Chip Enable ( CE ) is the power control and should be used for device selection.
Output Enable ( OE ) is the output control and should be used to gate data to the output pins,
provided the device is selected. Read is selected when both CE and OE pins are held at VIL with
the WE pin held at VIH. Address access time (tACC) is equal to the delay from stable addresses to
valid output data. Assuming that addresses are stable, chip enable access time (tCE) is equal to the
delay from stable CE to valid data at output pins. Data is available at the outputs after output enable
access time (tOE) from the falling edge of OE , assuming the CE has been LOW and addresses
have been stable for at least tACC - tOE.
Output Disable Mode
When the CE or OE pin is at a logic high level (VIH), the output from the EN29F002 / EN29F002N
is disabled. The output pins are placed in a high impedance state.
Auto Select Identification Mode
The manufacturer and device type can be identified by hardware or software operations. This mode
allows applications or programming equipment automatically matching the device with its
corresponding interface characteristics.
To activate the Auto Select Identification mode, the programming equipment must force 12.0 V
±
0.5V on address line A9 of the EN29F002T/B. Two identifier bytes can then be sequenced from the
device outputs by toggling address lines A0 and A8 from VIL to VIH.
The manufacturer and device identification may also be read via the command register. By following
the command sequence referenced in the Command Definition Table (Table 5). This method is
desirable for in-system identification (using only + 5.0V).
When A0 = A1 = A6 = VIL and by toggling A8 from VIL to VIH, the Manufacturer ID can be read as Eon
= 7F, 1C (hex) to identify EON . When A0 = VIH, A1 = A6 = VIL, and by toggling A8 from VIL to VIH, the


Similar Part No. - EN29F002B-90PI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JC EON-EN29F002AB-45JC Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JCP EON-EN29F002AB-45JCP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JI EON-EN29F002AB-45JI Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
EN29F002AB-45JIP EON-EN29F002AB-45JIP Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
More results

Similar Description - EN29F002B-90PI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29F002A EON-EN29F002A Datasheet
431Kb / 35P
   2 Megabit (256K x 8-bit) Flash Memory
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com