Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAR-C4CG-12000-M12 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FAR-C4CG-12000-M12
Description  Piezoelectric Resonator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-C4CG-12000-M12 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FAR-C4CG-12000-M12 Datasheet HTML 1Page - Fujitsu Component Limited. FAR-C4CG-12000-M12 Datasheet HTML 2Page - Fujitsu Component Limited. FAR-C4CG-12000-M12 Datasheet HTML 3Page - Fujitsu Component Limited. FAR-C4CG-12000-M12 Datasheet HTML 4Page - Fujitsu Component Limited. FAR-C4CG-12000-M12 Datasheet HTML 5Page - Fujitsu Component Limited. FAR-C4CG-12000-M12 Datasheet HTML 6Page - Fujitsu Component Limited. FAR-C4CG-12000-M12 Datasheet HTML 7Page - Fujitsu Component Limited. FAR-C4CG-12000-M12 Datasheet HTML 8Page - Fujitsu Component Limited. FAR-C4CG-12000-M12 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FAR Family (C4 series G type)
s PART NUMBERING SYSTEM
(1) Series
(2) Package Type
(3) Package Size
(4) Frequency (KHz)
See “s Standard Frequency.”
[Example] 8.0 MHz 08000
(5) Initial Frequency Deviation
(6) Built-in Capacitor
(7) Resonant Resistance
Series
Single crystal
Capacitor
C4
LiNbO3
With built-in capacitors
Specification
Type
C
Chip type
Specification
Size
G
G type(Ultra compact)
Specification
Deviation
M±0.5%
Specification
Capacitance
0
20±8 pF
1
10±4 pF
Specification
Resonant resistance
275
Ω max.
5
100
Ω max.
FAR
C4
C
G
(1)
(2) (3)
(4)
(5) (6) (7)
(9)
(8)
R


Similar Part No. - FAR-C4CG-12000-M12

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4C FUJITSU-FAR-C4C Datasheet
78Kb / 9P
   Piezoelectric Resonator (4 to 16 MHz)
FAR-C4CL FUJITSU-FAR-C4CL Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CL-24000-K02-R FUJITSU-FAR-C4CL-24000-K02-R Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CL-24000-K12-R FUJITSU-FAR-C4CL-24000-K12-R Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
FAR-C4CL-24000-M02-R FUJITSU-FAR-C4CL-24000-M02-R Datasheet
83Kb / 10P
   Piezoelectric Resonator (24 to 40 MHz)
More results

Similar Description - FAR-C4CG-12000-M12

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-C4SB-14746-L12-T FUJITSU-FAR-C4SB-14746-L12-T Datasheet
305Kb / 11P
   Piezoelectric Resonator
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com