Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN27C51245JI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # EN27C51245JI
Description  512KBIT EPROM (64K x 8)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN27C51245JI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button EN27C51245JI Datasheet HTML 2Page - List of Unclassifed Manufacturers EN27C51245JI Datasheet HTML 3Page - List of Unclassifed Manufacturers EN27C51245JI Datasheet HTML 4Page - List of Unclassifed Manufacturers EN27C51245JI Datasheet HTML 5Page - List of Unclassifed Manufacturers EN27C51245JI Datasheet HTML 6Page - List of Unclassifed Manufacturers EN27C51245JI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN27C51245JI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN27C51245JI Datasheet HTML 9Page - List of Unclassifed Manufacturers EN27C51245JI Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EN27C512
4800 Great America Parkway Ste 202
Tel: 408-235-8680
Santa Clara, CA. 95054
Fax: 408-235-8685
6
MODE SELECT TAB
Mode
CE
OE /VPP
A0
A9
Output
Read
VIL
VIL
XX
DOUT
Output Disable
VIL
VIH
X
X
High Z
Standby (TTL)
VIH
X
X
X
High Z
Standby (CMOS)
VCC ± 0.3V
X
X
X
High Z
Program
(4)
VIL
VPP
XX
DIN
Program Verify
VIL
VIL
XX
DOUT
Program Inhibit
VIH
Vp p
X
X
High Z
Manufacturer Code
(3)
VIL
VIL
VIL
VH(1)
1C
Device Code
(3)
VIL
VIL
VIH
VH
(1)
83
NOTES:
1)
VH = 12.0V
± 0.5V
2)
X = Either VIH or VIL
3)
For Manufacturer Code and Device Code, A1 = V IH
When A1 = VIL, both codes will read 7F
4)
See DC Programming Characteristics for V PP voltage during programming
EON’S STANDARD PRODUCT IDENTIFICATION CODE
Pins
Hex
Data
Code
A0
A1
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
Manufacturer
01
00
01
11
0
0
1C
Device Type
11
10
00
00
1
1
83
Continuation
00
01
11
11
1
1
7F
10
01
11
11
1
1
7F


Similar Part No. - EN27C51245JI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN27C010 ETC1-EN27C010 Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
EN27C01045J ETC1-EN27C01045J Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
EN27C01045JI ETC1-EN27C01045JI Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
EN27C01045P ETC1-EN27C01045P Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
EN27C01045PI ETC1-EN27C01045PI Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
More results

Similar Description - EN27C51245JI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
Winbond
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
logo
Winbond
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com