Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN27C51255PI Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # EN27C51255PI
Description  512KBIT EPROM (64K x 8)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN27C51255PI Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button EN27C51255PI Datasheet HTML 4Page - List of Unclassifed Manufacturers EN27C51255PI Datasheet HTML 5Page - List of Unclassifed Manufacturers EN27C51255PI Datasheet HTML 6Page - List of Unclassifed Manufacturers EN27C51255PI Datasheet HTML 7Page - List of Unclassifed Manufacturers EN27C51255PI Datasheet HTML 8Page - List of Unclassifed Manufacturers EN27C51255PI Datasheet HTML 9Page - List of Unclassifed Manufacturers EN27C51255PI Datasheet HTML 10Page - List of Unclassifed Manufacturers EN27C51255PI Datasheet HTML 11Page - List of Unclassifed Manufacturers EN27C51255PI Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EN27C512
4800 Great America Parkway Ste 202
Tel: 408-235-8680
Santa Clara, CA. 95054
Fax: 408-235-8685
8
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
-65
àC to +125àC
Ambient Temperature
with Power Applied
-40
àC to +85àC
Voltage with Respect to VSS
All pins except A9, VPP, VCC
-0.6V to VCC + 0.5V
A9, VPP
-0.6V to +13.5V
VCC
-0.6V to +7.0V
OPERATING RANGES
Commercial (C)
Case Temperature(Tc)
0
àC to +70àC
Industrial (I)
Case Temperature(Tc)
-40
àC to +85àC
Supply READ Voltages
+4.50V to +5.5V
(Functionality is guaranteed between these limits)
Stresses above those shown above may cause permanent damage to the device.
This is a stress rating only and
operation above these specifications for extended periods may affect device reliability. Operation outside the
"OPERATING RANGES" shown above voids any and all warranty provisions.
DC CHARACTERISTICS FOR READ OPERATION
Symbol
Parameter
Min.
Max.
Unit
Conditions
VOH
Output High Voltage
2.4
V
IOH = -0.4mA
VOL
Output Low Voltage
0.45
V
IOL = 2.1mA
VIH
Input High Voltage
2.0
VCC +0.5
V
VIL
Input Low Voltage
-0.3
0.8
V
ILI
Input Leakage Current
-5
5
µAVIN = 0 to 5.5V
ILO
Output Leakage Current
-10
10
µAVOUT = 0 to 5.5V
ICC3
VCC Power -Down Current
10
µA
CE = VCC
± 0.3V
ICC2
VCC Standby Current
1.0
mA
CE = VIH
ICC1
VCC Active Current
30
mA
CE = VIL, f=5MHz,
IOUT = 0mA
IPP
VPP Supply Current Read
100
µA
CE = OE = VIL,
VPP = 5.5V
CAPACITANCE
Symbol
Parameter
Typ.
Max.
Unit
Conditions
CIN
Input Capacitance
8
12
pF
VIN = 0V
COUT
Output Capacitance
8
12
pF
VOUT = 0V
CVPP
VPP Capacitance
18
25
pF
VPP = 0V


Similar Part No. - EN27C51255PI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN27C010 ETC1-EN27C010 Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
EN27C01045J ETC1-EN27C01045J Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
EN27C01045JI ETC1-EN27C01045JI Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
EN27C01045P ETC1-EN27C01045P Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
EN27C01045PI ETC1-EN27C01045PI Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
More results

Similar Description - EN27C51255PI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
Winbond
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
logo
Winbond
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com