Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN27C51245I Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # EN27C51245I
Description  512KBIT EPROM (64K x 8)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EN27C51245I Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  EN27C51245I Datasheet HTML 1Page - List of Unclassifed Manufacturers EN27C51245I Datasheet HTML 2Page - List of Unclassifed Manufacturers EN27C51245I Datasheet HTML 3Page - List of Unclassifed Manufacturers EN27C51245I Datasheet HTML 4Page - List of Unclassifed Manufacturers EN27C51245I Datasheet HTML 5Page - List of Unclassifed Manufacturers EN27C51245I Datasheet HTML 6Page - List of Unclassifed Manufacturers EN27C51245I Datasheet HTML 7Page - List of Unclassifed Manufacturers EN27C51245I Datasheet HTML 8Page - List of Unclassifed Manufacturers EN27C51245I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EN27C512
4800 Great America Parkway Ste 202
Tel: 408-235-8680
Santa Clara, CA. 95054
Fax: 408-235-8685
3
FIGURE 4. BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
THE QUIKRITE
TM PROGRAMMING OF THE EN27C512
When the EN27C512 is delivered, the chip has all 512K bits in the “ONE”, or
HIGH state. “ZEROs” are loaded into the EN27C512 through the procedure of programming.
The programming mode is entered when 12.75
± 0.25V is applied to the OE /VPP pin and
CE is at VIL. For programming, the data to be programmed is applied with 8 bits in parallel to
the data pins.
The QUIKRITE
TM
programming flowchart in Figure 5 shows Eon’s interactive programming
algorithm. The interactive algorithm reduces programming time by using 20
µs to 100 µs
programming pulses and giving each address only as many pulses as is necessary in order to
reliably program the data. After each pulse is applied to a given address, the data in that
address is verified. If the data is not verified, additional pulses are given until it is verified or
until the maximum number of pulses is reached. This process is repeated while sequencing
through each address of the EN27C512. This part of the programming algorithm is done at
VCC = 6.25V to assure that each EPROM bit is programmed to a sufficiently high threshold
voltage. This ensures that all bits have sufficient margin. After the final address is completed,
the entire EPROM memory is read at VCC = 5.25 ± 0.25V to verify the entire memory.


Similar Part No. - EN27C51245I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EN27C010 ETC1-EN27C010 Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
EN27C01045J ETC1-EN27C01045J Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
EN27C01045JI ETC1-EN27C01045JI Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
EN27C01045P ETC1-EN27C01045P Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
EN27C01045PI ETC1-EN27C01045PI Datasheet
84Kb / 12P
   EN27C010 1Megabit EPROM (128K x 8)
More results

Similar Description - EN27C51245I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
logo
Winbond
W27C512 WINBOND-W27C512 Datasheet
161Kb / 15P
   64K X 8 ELECTRICALLY ERASABLE EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
   64K X 8 OTP CMOS EPROM
logo
Winbond
W27E512 WINBOND-W27E512 Datasheet
191Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27LE520 WINBOND-W27LE520 Datasheet
104Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
   512K (64K x 8) OTP EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
   512K (64K x 8) CMOS EPROM
2004
logo
Winbond
W27C520 WINBOND-W27C520 Datasheet
239Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
W27E520 WINBOND-W27E520 Datasheet
234Kb / 16P
   64K X 8 ELECTRICALLY ERASABLE EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A Datasheet
69Kb / 12P
   512K (64K x 8) CMOS EPROM
1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com