Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5306IU Datasheet(PDF) 1 Page - Intersil Corporation

Part # EL5306IU
Description  350MHz Fixed Gain Amplifiers with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5306IU Datasheet(HTML) 1 Page - Intersil Corporation

  EL5306IU Datasheet HTML 1Page - Intersil Corporation EL5306IU Datasheet HTML 2Page - Intersil Corporation EL5306IU Datasheet HTML 3Page - Intersil Corporation EL5306IU Datasheet HTML 4Page - Intersil Corporation EL5306IU Datasheet HTML 5Page - Intersil Corporation EL5306IU Datasheet HTML 6Page - Intersil Corporation EL5306IU Datasheet HTML 7Page - Intersil Corporation EL5306IU Datasheet HTML 8Page - Intersil Corporation EL5306IU Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN7357.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2004. All Rights Reserved. Elantec is a registered trademark of Elantec Semiconductor, Inc.
All other trademarks mentioned are the property of their respective owners.
EL5106, EL5306
350MHz Fixed Gain Amplifiers with Enable
The EL5106 and EL5306 are fixed gain amplifiers with a
bandwidth of 350MHz. This makes these amplifiers ideal for
today’s high speed video and monitor applications. They
feature internal gain setting resistors and can be configured
in a gain of +1, -1 or +2.
With a supply current of just 1.5mA and the ability to run
from a single supply voltage from 5V to 12V, these amplifiers
are also ideal for handheld, portable or battery powered
equipment.
The EL5106 and EL5306 also incorporate an enable and
disable function to reduce the supply current to 25µA typical
per amplifier. Allowing the CE pin to float or applying a low
logic level will enable the amplifier.
The EL5106 is offered in the 6-pin SOT-23 and the industry-
standard 8-pin SO packages and the EL5306 is available in
the 16-pin SO and 16-pin QSOP packages. All operate over
the industrial temperature range of -40°C to +85°C.
Features
• Pb-free Available as an Option
• Gain selectable (+1, -1, +2)
• 350MHz -3dB BW (AV = 2)
• 1.5mA supply current per amplifier
• Fast enable/disable
• Single and dual supply operation, from 5V to 12V
• Available in SOT-23 packages
• 450MHz, 3.5mA product available (EL5108 & EL5308)
Applications
• Battery powered equipment
• Handheld, portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers
Ordering Information
PART
NUMBER
PACKAGE
TAPE &
REEL
PKG. DWG. #
EL5106IW-T7
6-Pin SOT-23
7” (3K pcs)
MDP0038
EL5106IW-T7A
6-Pin SOT-23
7” (250 pcs)
MDP0038
EL5106IS
8-Pin SO
-
MDP0027
EL5106IS-T7
8-Pin SO
7”
MDP0027
EL5106IS-T13
8-Pin SO
13”
MDP0027
EL5306IS
16-Pin SO (0.150”)
-
MDP0027
EL5306IS-T7
16-Pin SO (0.150”)
7”
MDP0027
EL5306IS-T13
16-Pin SO (0.150”)
13”
MDP0027
EL5306IU
16-Pin QSOP
-
MDP0040
EL5306IU-T7
16-Pin QSOP
7”
MDP0040
EL5306IU-T13
16-Pin QSOP
13”
MDP0040
EL5306IUZ
(See Note)
16-Pin QSOP
(Pb-free)
-
MDP0040
EL5306IUZ-T7
(See Note)
16-Pin QSOP
(Pb-free)
7”
MDP0040
EL5306IUZ-
T13 (See Note)
16-Pin QSOP
(Pb-free)
13”
MDP0040
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which is compatible with both SnPb and
Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J Std-020B.
Data Sheet
September 1, 2004


Similar Part No. - EL5306IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5306IU INTERSIL-EL5306IU Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
EL5306IU INTERSIL-EL5306IU Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5306IU-T13 INTERSIL-EL5306IU-T13 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
EL5306IU-T13 INTERSIL-EL5306IU-T13 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5306IU-T7 INTERSIL-EL5306IU-T7 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
More results

Similar Description - EL5306IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5106 INTERSIL-EL5106 Datasheet
457Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
5962-0625501QXC INTERSIL-5962-0625501QXC Datasheet
111Kb / 4P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_07 Datasheet
292Kb / 12P
   350MHz Fixed Gain Amplifiers with Enable
EL5106 INTERSIL-EL5106_05 Datasheet
1Mb / 11P
   350MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5106 RENESAS-EL5106 Datasheet
717Kb / 14P
   350MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108_07 Datasheet
306Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
EL5108 INTERSIL-EL5108_06 Datasheet
337Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Renesas Technology Corp
EL5108 RENESAS-EL5108 Datasheet
682Kb / 13P
   450MHz Fixed Gain Amplifiers with Enable
logo
Intersil Corporation
EL5108 INTERSIL-EL5108 Datasheet
492Kb / 12P
   450MHz Fixed Gain Amplifiers with Enable
logo
National Semiconductor ...
LMV101 NSC-LMV101 Datasheet
769Kb / 12P
   Fixed-Gain Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com