Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5009MX Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN5009MX
Description  Dual Bootstrapped 12V MOSFET Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5009MX Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN5009MX Datasheet HTML 5Page - Fairchild Semiconductor FAN5009MX Datasheet HTML 6Page - Fairchild Semiconductor FAN5009MX Datasheet HTML 7Page - Fairchild Semiconductor FAN5009MX Datasheet HTML 8Page - Fairchild Semiconductor FAN5009MX Datasheet HTML 9Page - Fairchild Semiconductor FAN5009MX Datasheet HTML 10Page - Fairchild Semiconductor FAN5009MX Datasheet HTML 11Page - Fairchild Semiconductor FAN5009MX Datasheet HTML 12Page - Fairchild Semiconductor FAN5009MX Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PRODUCT SPECIFICATION
FAN5009
REV. 1.0.5 7/22/04
11
Mechanical Dimensions
0.150, 8 Lead SOIC Package
85
14
D
A
A1
– C –
ccc C
LEAD COPLANARITY
SEATING
PLANE
e
B
L
h x 45
°
C
α
EH
A
.053
.069
1.35
1.75
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
A1
.004
.010
0.10
0.25
.020
0.51
B
.013
0.33
C
.0075
.010
0.20
0.25
E
.150
.158
3.81
4.01
e
.228
.244
5.79
6.20
.010
.020
0.25
0.50
H
.050 BSC
1.27 BSC
h
L
.016
.050
0.40
1.27
0
°
8
°
0
°
8
°
3
6
5
2
2
N8
8
α
ccc
.004
0.10
——
D
.189
.197
4.80
5.00
Notes:
1.
2.
3.
4.
5.
6.
Dimensioning and tolerancing per ANSI Y14.5M-1982.
"D" and "E" do not include mold flash. Mold flash or
protrusions shall not exceed .010 inch (0.25mm).
"L" is the length of terminal for soldering to a substrate.
Terminal numbers are shown for reference only.
"C" dimension does not include solder finish thickness.
Symbol "N" is the maximum number of terminals.


Similar Part No. - FAN5009MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5018BMTCX FAIRCHILD-FAN5018BMTCX Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019BMTCX FAIRCHILD-FAN5019BMTCX Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
More results

Similar Description - FAN5009MX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5109 FAIRCHILD-FAN5109 Datasheet
119Kb / 13P
   Dual Bootstrapped 12V MOSFET Driver
FAN5109B FAIRCHILD-FAN5109B Datasheet
696Kb / 14P
   Dual Bootstrapped 12V MOSFET Driver
logo
Lowpower Semiconductor ...
LP1113 POWER-LP1113 Datasheet
659Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1110 POWER-LP1110 Datasheet
561Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Enable
LP1111 POWER-LP1111 Datasheet
633Kb / 8P
   Dual Bootstrapped, 12V MOSFET Driver with Output Disable
logo
Analog Devices
ADP3416 AD-ADP3416 Datasheet
140Kb / 8P
   Dual Bootstrapped MOSFET Driver
REV. A
ADP3414 AD-ADP3414 Datasheet
141Kb / 8P
   Dual Bootstrapped MOSFET Driver
REV. 0
ADP3417 AD-ADP3417 Datasheet
1Mb / 8P
   Dual Bootstrapped MOSFET Driver
REV. A
logo
ON Semiconductor
ADP3414 ONSEMI-ADP3414 Datasheet
383Kb / 9P
   Dual Bootstrapped MOSFET Driver
May 2010 - Rev. 3
ADP3120A ONSEMI-ADP3120A_12 Datasheet
126Kb / 8P
   Dual Bootstrapped, 12 V MOSFET Driver
June, 2012 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com