Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1087LU-202 Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1087LU-202
Description  3.3V Spread-Spectrum EconOscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1087LU-202 Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1087LU-202 Datasheet HTML 4Page - Dallas Semiconductor DS1087LU-202 Datasheet HTML 5Page - Dallas Semiconductor DS1087LU-202 Datasheet HTML 6Page - Dallas Semiconductor DS1087LU-202 Datasheet HTML 7Page - Dallas Semiconductor DS1087LU-202 Datasheet HTML 8Page - Dallas Semiconductor DS1087LU-202 Datasheet HTML 9Page - Dallas Semiconductor DS1087LU-202 Datasheet HTML 10Page - Dallas Semiconductor DS1087LU-202 Datasheet HTML 11Page - Dallas Semiconductor DS1087LU-202 Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3.3V Spread-Spectrum EconOscillator
8
_____________________________________________________________________
Detailed Description
A block diagram of the DS1087L is shown in Figure 1.
Output Frequency
The internal master oscillator can generate a square
wave with a frequency range of 33.3MHz to 66.6MHz.
The master oscillator frequency and output frequency
are factory programmed, although the user can use the
programmable divider to divide the master oscillator
frequency by 2x (where x equals 0 to 8).
Output Control and Power-Down
Two user control signals control the output. The output-
enable pin, OE, gates the clock output buffer and the
PDN pin disables the master oscillator and turns off the
output for power-sensitive applications (note: the
power-down command must persist for at least two out-
put frequency cycles plus 10
µs for deglitching purpos-
es). On power-up, the output is disabled until power is
stable and the master oscillator has generated 512
clock cycles.
Both controls feature a synchronous enable, which
ensures there are no output glitches when the output is
enabled. The synchronous enable also ensures a con-
stant time interval (for a given frequency setting) from
an enable signal to the first output transition.
Spread Spectrum
The DS1087L can reduce radiated emission peaks. The
output frequency can be dithered 2% or 4% below the
programmed frequency. Although the output frequency
changes when the dither is enabled, the duty cycle
does not change.
The dither is controlled by the J0 bit in the PRESCALER
register and enabled with the SPRD pin. The maximum
spectral attenuation occurs when the prescaler is set to
1. The spectral attenuation is reduced by 2.7dB for
every factor of 2 that is used in the prescaler. This hap-
pens because the prescaler’s divider function tends to
average the dither in creating the lower frequency.
However, the most stringent spectral emission limits are
imposed on the higher frequencies where the prescaler
is set to a low divider ratio.
A triangle-wave generator injects an offset element into
the master oscillator to dither its output. The dither rate
(see Equation 1) is based on the master oscillator fre-
quency. Figure 2 shows a plot of the output frequency
versus dither rate.
where f0 = master oscillator frequency
Register Summary
The DS1087L registers are used to change the dither
amount, output frequency, and slave address. A sum-
mary of the registers is shown in Table 1. Once pro-
grammed into EEPROM, the settings only need to be
reprogrammed if it is desired to reconfigure the device.
PRESCALER Register
Bit 5:
Output Low or High-Z. The LO/
HIZ bit
controls the output. During power-down,
while the output is deactivated, if the
LO/
HIZ bit is set to 0, the output is high-Z.
If the LO/
HIZ bit is set to 1, the output is
driven low.
Bit 4:
Dither Control. The J0 bit controls the
dither applied to the output. When J0 is
high, 2% peak dither is selected. When
J0 is low, 4% peak dither is selected.
Dither Rate
f
=
0
4096
REGISTER
ADDR
BINARY
FACTORY DEFAULT
ACCESS
PRESCALER
02h
X1
X1
LO/
HIZ
J0
P3
P2
P1
P0
110- - - - - b
R/W
ADDR
0Dh
X1
X1
X1
X1
WC
A2
A1
A0
11110000b
R/W
WRITE EE
3Fh
No Data
Table 1. Register Summary
Figure 2. Output Frequency vs. Dither Rate
OUTPUT FREQUENCY
DITHER RATE
0
WHERE N = (2X)
f0 = FACTORY PROGRAMMED MASTER OSCILLATOR FREQUENCY
2fO/4096
fO/4096
fO/N
(fO/N) - 4%
(1)
X1 = Don’t care; read as one.


Similar Part No. - DS1087LU-202

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1087LU-202 MAXIM-DS1087LU-202 Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
More results

Similar Description - DS1087LU-202

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L Datasheet
266Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 0; 11/03
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
   3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
   3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1089L MAXIM-DS1089L_V01 Datasheet
1Mb / 13P
   3.3V Center Spread-Spectrum EconOscillator?
19-7501; Rev 3; 2/15
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
   Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
   Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
   DS1086 Spread-Spectrum EconOscillator
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
   Multiphase Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
   Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com