Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C057V-12AC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C057V-12AC
Description  3.3V 16K/32K x 36 FLEx36 Asynchronous Dual-Port Static RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C057V-12AC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C057V-12AC Datasheet HTML 1Page - Cypress Semiconductor CY7C057V-12AC Datasheet HTML 2Page - Cypress Semiconductor CY7C057V-12AC Datasheet HTML 3Page - Cypress Semiconductor CY7C057V-12AC Datasheet HTML 4Page - Cypress Semiconductor CY7C057V-12AC Datasheet HTML 5Page - Cypress Semiconductor CY7C057V-12AC Datasheet HTML 6Page - Cypress Semiconductor CY7C057V-12AC Datasheet HTML 7Page - Cypress Semiconductor CY7C057V-12AC Datasheet HTML 8Page - Cypress Semiconductor CY7C057V-12AC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
CY7C056V
CY7C057V
Document #: 38-06055 Rev. **
Page 4 of 23
Pin Configurations (continued)
172-Ball Ball Grid Array (BGA)
Top View
1
2
3
4
56789
10
11
12
13
14
A
I/O32L
I/O30L
NC
VSS
I/O13L
VDD
I/O11L
I/O11R
VDD
I/O13R
VSS
NC
I/O30R
I/O32R
B
A0L
I/O33L
I/O29
I/O17L
I/O14L
I/O12L
I/O9L
I/O9R
I/O12R I/O14R
I/O17R
I/O29R I/O33R
A0R
C
NC
A1L
I/O31L
I/O27L
NC
I/O15L
I/O10L I/O10R I/O15R
NC
I/O27R
I/O31R
A1R
NC
D
A2L
A3L
I/O35L
I/O34L
I/O28L
I/O16L
VSS
VSS
I/O16R I/O28R
I/O34R
I/O35R
A3R
A2R
E
A4L
A5L
NC
B0L
NC
NC
NC
NC
BM
NC
A5R
A4R
F
VDD
A6L
A7L
B1L
NC
NC
SIZE
A7R
A6R
VDD
G
OEL
B2L
B3L
CE0L
CE0R
BA
WA
OER
H
VSS
R/WLA8L
CE1L
CE1R
A8R
R/WRVSS
J
A9L
A10L
VSS
M/S
NC
NC
VDD
VDD
A10R
A9R
K
A11L
A12L
NC
SEML
NC
NC
NC
NC
SEMR
NC
A12R
A11R
L
BUSYL
A13L
INTL
I/O26L
I/O25L
I/O19L
VSS
VSS
I/O19R I/O25R
I/O26R
INTR
A13R
BUSYR
M
NC
NC[4]
I/O22L
I/O18L
NC
I/O7L
I/O2L
I/O2R
I/O7R
NC
I/O18R
I/O22R
NC[5]
NC
N
I/O24L
I/O20L
I/O8L
I/O6L
I/O5L
I/O3L
I/O0L
I/O0R
I/O3R
I/O5R
I/O6R
I/O8R
I/O20R
I/O24R
P
I/O23L
I/O21L
NC
VSS
I/O4L
VDD
I/O1L
I/O1R
VDD
I/O4R
VSS
NC
I/O21R
I/O23R


Similar Part No. - CY7C057V-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C057V-12AC CYPRESS-CY7C057V-12AC Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C057V-12AC CYPRESS-CY7C057V-12AC Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
More results

Similar Description - CY7C057V-12AC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C056V CYPRESS-CY7C056V Datasheet
280Kb / 22P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_05 Datasheet
695Kb / 23P
   3.3V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static
CY7C056V CYPRESS-CY7C056V_12 Datasheet
434Kb / 27P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
CY7C056V CYPRESS-CY7C056V_11 Datasheet
719Kb / 26P
   3.3 V 16K/32K x 36 FLEx36??Asynchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT70V657S IDT-IDT70V657S Datasheet
194Kb / 23P
   HIGH-SPEED 3.3V 32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09569V CYPRESS-CY7C09569V Datasheet
700Kb / 30P
   3.3V 16K/32K x 36 FLE x 36-TM Synchronous Dual-Port Static RAM
logo
Renesas Technology Corp
70V659 RENESAS-70V659 Datasheet
321Kb / 26P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
Aug.23.21
logo
List of Unclassifed Man...
IDT70V658S10DRG ETC2-IDT70V658S10DRG Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
logo
Integrated Device Techn...
IDT70V659 IDT-IDT70V659 Datasheet
200Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
IDT70V65 IDT-IDT70V65 Datasheet
316Kb / 24P
   HIGH-SPEED 3.3V 128/64/32K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com