Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C4282-10ASI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C4282-10ASI
Description  64K/128K x 9 Deep Sync FIFOs with Retransmit and Depth Expansion
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4282-10ASI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C4282-10ASI Datasheet HTML 6Page - Cypress Semiconductor CY7C4282-10ASI Datasheet HTML 7Page - Cypress Semiconductor CY7C4282-10ASI Datasheet HTML 8Page - Cypress Semiconductor CY7C4282-10ASI Datasheet HTML 9Page - Cypress Semiconductor CY7C4282-10ASI Datasheet HTML 10Page - Cypress Semiconductor CY7C4282-10ASI Datasheet HTML 11Page - Cypress Semiconductor CY7C4282-10ASI Datasheet HTML 12Page - Cypress Semiconductor CY7C4282-10ASI Datasheet HTML 13Page - Cypress Semiconductor CY7C4282-10ASI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CY7C4282
CY7C4292
Document #: 38-06009 Rev. *B
Page 10 of 16
Switching Waveforms
Notes:
14. tSKEW1 is the minimum time between a rising RCLK edge and a rising WCLK edge to guarantee that FF will go HIGH during the current clock cycle. If the time between the rising
edge of RCLK and the rising edge of WCLK is less than tSKEW1, then FF may not change state until the next WCLK rising edge.
15. tSKEW1 is also the minimum time between a rising WCLK edge and a rising RCLK edge to guarantee that EF will go HIGH during the current clock cycle. It the time between the
rising edge of WCLK and the rising edge of RCLK is less than tSKEW2, then EF may not change state until the next RCLK rising edge.
Write Cycle Timing
tCLKH
tCLKL
NO OPERATION
tDS
tSKEW1
tENS
WEN
tCLK
tDH
tWFF
tWFF
tENH
WCLK
D0 –D17
FF
REN
RCLK
[14]
Read Cycle Timing
tCLKH
tCLKL
NO OPERATION
tSKEW1
WEN
tCLK
tOHZ
tREF
tREF
RCLK
Q0 –Q17
EF
REN
WCLK
OE
tOE
tENS
tOLZ
tA
tENH
VALID DATA
[15]


Similar Part No. - CY7C4282-10ASI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4282V CYPRESS-CY7C4282V Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
CY7C4282V CYPRESS-CY7C4282V Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4282V-10ASC CYPRESS-CY7C4282V-10ASC Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
CY7C4282V-10ASC CYPRESS-CY7C4282V-10ASC Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4282V-15ASC CYPRESS-CY7C4282V-15ASC Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
More results

Similar Description - CY7C4282-10ASI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4282V CYPRESS-CY7C4282V_03 Datasheet
219Kb / 15P
   64K/128K x 9 Low-Voltage Deep Sync FIFOs with Retransmit and Depth Expansion
CY7C4282V CYPRESS-CY7C4282V Datasheet
240Kb / 15P
   64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255 Datasheet
361Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com