Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17F-1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CNY17F-1
Description  Optocoupler, Phototransistor Output, No Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17F-1 Datasheet(HTML) 4 Page - Vishay Siliconix

  CNY17F-1 Datasheet HTML 1Page - Vishay Siliconix CNY17F-1 Datasheet HTML 2Page - Vishay Siliconix CNY17F-1 Datasheet HTML 3Page - Vishay Siliconix CNY17F-1 Datasheet HTML 4Page - Vishay Siliconix CNY17F-1 Datasheet HTML 5Page - Vishay Siliconix CNY17F-1 Datasheet HTML 6Page - Vishay Siliconix CNY17F-1 Datasheet HTML 7Page - Vishay Siliconix CNY17F-1 Datasheet HTML 8Page - Vishay Siliconix CNY17F-1 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83607
Rev. 1.5, 26-Oct-04
CNY17F
Vishay Semiconductors
Switching Characteristics
Linear operation (without saturation)
Switching operation (with saturation)
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Turn-on time
IF = 10 mA, VCC = 5.0 V,
RL = 75 W
ton
3.0
µs
Rise time
IF = 10 mA, VCC = 5.0 V,
RL = 75 W
tr
2.0
µs
Turn-off time
IF = 10 mA, VCC = 5.0 V,
RL = 75 W
toff
2.3
µs
Fall time
IF = 10 mA, VCC = 5.0 V,
RL = 75 W
tf
2.0
µs
Cut-off frequency
IF = 10 mA, VCC = 5.0 V,
RL = 75 W
fCO
250
kHz
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Turn-on time
IF = 20 mA
CNY17F-1
ton
3.0
µs
IF = 10 mA
CNY17F-2
ton
4.2
µs
CNY17F-3
ton
4.2
µs
IF = 5.0 mA
CNY17F-4
ton
6.0
µs
Rise time
IF = 20 mA
CNY17F-1
tr
2.0
µs
IF = 10 mA
CNY17F-2
tr
3.0
µs
CNY17F-3
tr
3.0
µs
IF = 5.0 mA
CNY17F-4
tr
4.6
µs
Turn-off time
IF = 20 mA
CNY17F-1
toff
18
µs
IF = 10 mA
CNY17F-2
toff
23
µs
CNY17F-3
toff
23
µs
IF = 5.0 mA
CNY17F-4
toff
25
µs
Fall time
IF = 20 mA
CNY17F-1
tf
11
µs
IF = 10 mA
CNY17F-2
tf
14
µs
CNY17F-3
tf
14
µs
IF = 5.0 mA
CNY17F-4
tf
15
µs
Figure 1. Linear Operation ( without Saturation)
icny17f_01
RL=75 Ω
VCC=5 V
IC
45
IF
Figure 2. Switching Operation (with Saturation)
IF
1K
VCC=5 V
47
icny17f_02


Similar Part No. - CNY17F-1

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
CNY17F-1 QT-CNY17F-1 Datasheet
100Kb / 5P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
logo
List of Unclassifed Man...
CNY17F-1 ETC1-CNY17F-1 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
CNY17F-1 FAIRCHILD-CNY17F-1 Datasheet
177Kb / 10P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
logo
CT Micro International ...
CNY17F-1 CTMICRO-CNY17F-1 Datasheet
1Mb / 14P
   DC Input 6-Pin Phototransistor Optocoupler
logo
Fairchild Semiconductor
CNY17F-1 FAIRCHILD-CNY17F-1 Datasheet
566Kb / 12P
   6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS
More results

Similar Description - CNY17F-1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F VISHAY-CNY17F_08 Datasheet
135Kb / 10P
   Optocoupler, Phototransistor Output,no Base Connection
Rev. 1.5, 07-May-08
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X001 VISHAY-CNY17F-3X001 Datasheet
197Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.1, 02-Jul-13
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
MOC8101 VISHAY-MOC8101 Datasheet
129Kb / 7P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
MOC8104 VISHAY-MOC8104_V01 Datasheet
161Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com