Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP38842S-1.2 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP38842S-1.2
Description  1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38842S-1.2 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LP38842S-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LP38842S-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LP38842S-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LP38842S-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LP38842S-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LP38842S-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LP38842S-1.2 Datasheet HTML 9Page - National Semiconductor (TI) LP38842S-1.2 Datasheet HTML 10Page - National Semiconductor (TI) LP38842S-1.2 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
TO220 5-lead, Molded, Stagger Bend Package (TO220-5)
NS Package Number T05D
www.national.com
10


Similar Part No. - LP38842S-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38842S-1.2/NOPB TI1-LP38842S-1.2/NOPB Datasheet
985Kb / 17P
[Old version datasheet]   Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
More results

Similar Description - LP38842S-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38842 TI1-LP38842 Datasheet
989Kb / 17P
[Old version datasheet]   1.5A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38842-ADJ NSC-LP38842-ADJ Datasheet
594Kb / 8P
   1.5A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38842-ADJ TI-LP38842-ADJ_15 Datasheet
846Kb / 15P
[Old version datasheet]   1.5A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
LP38842 TI1-LP38842_15 Datasheet
985Kb / 17P
[Old version datasheet]   Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
LP38843 TI-LP38843_15 Datasheet
962Kb / 17P
[Old version datasheet]   3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38841 NSC-LP38841 Datasheet
595Kb / 10P
   0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38841 TI1-LP38841 Datasheet
1Mb / 18P
[Old version datasheet]   0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38843 NSC-LP38843 Datasheet
643Kb / 11P
   3A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
Texas Instruments
LP38841 TI-LP38841_15 Datasheet
1Mb / 17P
[Old version datasheet]   LP38841 0.8A Ultra Low Dropout Linear Regulators Stable with Ceramic Output Capacitors
logo
National Semiconductor ...
LP38841-ADJ NSC-LP38841-ADJ Datasheet
256Kb / 10P
   0.8A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com