Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3905 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3905
Description  150Mbps Automotive VCSEL Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3905 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3905 Datasheet HTML 1Page - Maxim Integrated Products MAX3905 Datasheet HTML 2Page - Maxim Integrated Products MAX3905 Datasheet HTML 3Page - Maxim Integrated Products MAX3905 Datasheet HTML 4Page - Maxim Integrated Products MAX3905 Datasheet HTML 5Page - Maxim Integrated Products MAX3905 Datasheet HTML 6Page - Maxim Integrated Products MAX3905 Datasheet HTML 7Page - Maxim Integrated Products MAX3905 Datasheet HTML 8Page - Maxim Integrated Products MAX3905 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
150Mbps Automotive VCSEL Driver
_______________________________________________________________________________________
5
OUTPUT SQUELCH
MAX3905 toc09
2µs/div
VIN
OPTICAL
POWER
OUTPUT
tSQ
OUTPUT RESUME FROM SQUELCH
MAX3905 toc10
40ns/div
VIN
OPTICAL
POWER
OUTPUT
tRS
0
20
40
60
80
100
120
-40
0
-20
20
40
60
80 100 120 140
DETERMINISTIC JITTER vs. JUNCTION
TEMPERATURE
JUNCTION TEMPERATURE (°C)
MOD[1, 2] = [OPEN, OPEN]
MOD[1, 2] = [VCC, OPEN]
MOD[1, 2] = [OPEN, VCC]
MOD[1, 2] = [VCC, VCC]
150Mbps K28.5 PATTERN
2.0
5.5
4.5
4.0
3.5
3.0
2.5
5.0
6.0
-40
0
-20
20
40
60
80 100 120 140
RANDOM JITTER
vs. JUNCTION TEMPERATURE
JUNCTION TEMPERATURE (°C)
PULSE-WIDTH VARIATION AND AVERAGE
PULSE-WIDTH DISTORTION
10ns/div
MAX3905 toc13
45.1Mbps TTL
BIPHASE-CODED DATA
Typical Operating Characteristics (continued)
(LOW[1, 2] = [GND, open], MOD[1, 2] = [open, VCC], DT0[1, 2] = [open, open], TC[1, 2, 3] = [GND, GND, open], TA = +25°C, unless
otherwise noted.)


Similar Part No. - MAX3905

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3901 MAXIM-MAX3901 Datasheet
624Kb / 13P
   150Mbps Automotive Fiber Optic Receivers
Rev 1; 7/04
More results

Similar Description - MAX3905

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3901 MAXIM-MAX3901 Datasheet
624Kb / 13P
   150Mbps Automotive Fiber Optic Receivers
Rev 1; 7/04
logo
Micrel Semiconductor
SY88024L MICREL-SY88024L Datasheet
365Kb / 10P
   11.3Gbps VCSEL DRIVER
logo
IC-Haus GmbH
IC-HV ICHAUS-IC-HV Datasheet
444Kb / 8P
   VCSEL ARRAY DRIVER
logo
Micrel Semiconductor
SY84402L MICREL-SY84402L Datasheet
292Kb / 7P
   4.25Gbps VCSEL Driver
logo
Integrated Device Techn...
HXT6101 IDT-HXT6101 Datasheet
40Kb / 2P
   16Gbps VCSEL Driver
logo
Micrel Semiconductor
SY88992L MICREL-SY88992L_11 Datasheet
767Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
logo
Linear Technology
LTC5100 LINER-LTC5100 Datasheet
575Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
LTC5100 LINER-LTC5100_15 Datasheet
582Kb / 52P
   3.3V, 3.2Gbps VCSEL Driver
logo
Micrel Semiconductor
SY88992L MICREL-SY88992L Datasheet
619Kb / 11P
   3.3V, 4.25Gbps VCSEL Driver
logo
Zarlink Semiconductor I...
PX6410 ZARLINK-PX6410 Datasheet
550Kb / 3P
   Multi-Rate VCSEL Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com