Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BS-AB21RD Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BS-AB21RD
Description  SINGLEDIGIT LED DISPLAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BS-AB21RD Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BS-AB21RD Datasheet HTML 1Page - List of Unclassifed Manufacturers BS-AB21RD Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SD-43
BS-A
CA2xRD
SD-44
BS-A
CA3xRD
SD-45
BS-A
CA4xRD
SD-46
BS-A
CA5xRD
SD-47
BS-A
CB1xRD
SD-48
BF-A
CB2xRD
NOTES: 1.All Dimensions are in millimeters(inches).
2.Tolerance isA0.25mm(.010D).
3.Specifications are subject to change without notice.
4.NP:No Pin.
5.NC:No Connect.
NP: 3,7,10,13
9
A
8
B
14
G
F
E
5
C
2
D
1 12
6
DP
NP: 3,7,10,13
B
8
A
9
F
12
1
D
2
C
5
E
G
14
DP
6
3.00(.118)MIN.
10.50(.413)
33.90(1.335)
E0.50(.020)
2.54(.100)
BS-AA3xRD
4,11
25.40(1.00)
10B
24.00(.945)
PIN 1. +
E2.5(.098)
BS-CA3xRD
4,11
DP
B
C
E
D
G
F
A
28.00(1.10)
3
21
A1
222
A2
C
16
BD1
10
E
D2
9
14
4
F
G2
19
G1
7
J
6,18
M
15
L
23
K
24
P
11
N
12
G1 G2
B
A2
A1
F
J
L
K
E
D2
D1
P N M C
NC: 1
NP: 5,8,17,20.
10B
13.70(.539)
25.60(1.00)
33.00(1.299)
2.54(.100)
5.08(.200)
8.80(.346)
3.00(.118)MIN.
22.80(.897)
18.00(.708)
E0.50(.020)
E1.6(.063)
PIN 1. +
DP
13
DP
BS-AA2xRD
14
A
9
C
5
B
8
2
D
12
E
1
FG
PIN 1.
+
DP
E
F
D
DP
C
G
A
B
E3.0(.118)
4,11
6
22.86(.900)
14.70(.579)
10B
25.4(1.00)
33.00(1.299)
27.94(1.100)
1.3(.052)
9.00(.354)
3.0(.118) MIN.
2.54x6=15.24(.600)
E0.50(.020)
NP: 3,7,10,13.
BS-AA4xRD
3
17
A1
218
A2
C
14
BD1
8
E
D2
7
12
4
F
G2
16
G1
6
J
5,15
M
13
L
19
K
20
P
9
N
10
G1
G2
B
A2
A1
F
J
L
K
E
D2
D1
P N M C
8B
13.60(.535)
25.4(1.00)
33.00(1.299)
2.54(.100)
5.08(.200)
8.90(.350)
3.00(.118)MIN.
22.76(.896)
18.00(.708)
E0.50(.020)
E1.84(.072)
PIN 1. +
DP2
1
DP1
DP2
11
DP1
BS-AA5xRD
14.10(.555)
35.50(1.398)
BS-CB1xRD
1,8
40.70(1.602)
+
10B
7 6 4 3
9
2
10 5
7
4
6
3
28.80(1.134)
3.00(.118)
BS-AB1xRD
2.54(.100)
A B C
E
DF
1,8
PIN 1.
E0.5(.020)
D
DP
G
B
A
CD
9.00(.354)
MIN.
E3.0(.118)
F
E
G
A
17.30(.681)
30.40(1.20)
+
10B
40.70(1.602)
G
10
E3.0(.118)
3.00(.118)
9.00(.354)
10
29
5
7 6
43 2 9
F
EG DP
C
DP
B
2.54(.100)
AB CD
F
E
1,5
BS-AB2xRD
E0.5(.020)
PIN 1.
28.80(1.134)
9
8
7 6
4 3 2
10 8
BS-CB2xRD
DP
A BC
E
DF
1,5
MIN.
G
D
E
DP
C
F
A
B
GDP
30.40(1.20)
17.30(.681)
35.50(1.398)
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.


Similar Part No. - BS-AB21RD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BS-AB2EGRD BRIGHT-BS-AB2EGRD Datasheet
190Kb / 3P
   30.4mm(1.20) high single seven segments display
More results

Similar Description - BS-AB21RD

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND5610 PURDY-AND5610 Datasheet
48Kb / 2P
   LED Displays
AND1510 PURDY-AND1510 Datasheet
53Kb / 2P
   LED Displays
AND4310 PURDY-AND4310 Datasheet
49Kb / 2P
   LED Displays
AND8010-B PURDY-AND8010-B Datasheet
50Kb / 2P
   LED Displays
AND5420 PURDY-AND5420 Datasheet
50Kb / 2P
   LED Displays
AND8010 PURDY-AND8010 Datasheet
50Kb / 2P
   LED Displays
logo
Rohm
LUM ROHM-LUM Datasheet
175Kb / 3P
   LED displays
logo
Purdy Electronics Corpo...
AND2307 PURDY-AND2307 Datasheet
57Kb / 2P
   LED Displays
logo
Micro Electronics
MG457A MICRO-ELECTRONICS-MG457A Datasheet
127Kb / 2P
   GREEN LED DISPLAYS
logo
List of Unclassifed Man...
BS-AD31RD ETC-BS-AD31RD Datasheet
152Kb / 1P
   SINGLE DIGIT LED DISPLAYS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com