Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD54HCT257 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HCT257
Description  High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54HCT257 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HCT257 Datasheet HTML 1Page - Texas Instruments CD54HCT257 Datasheet HTML 2Page - Texas Instruments CD54HCT257 Datasheet HTML 3Page - Texas Instruments CD54HCT257 Datasheet HTML 4Page - Texas Instruments CD54HCT257 Datasheet HTML 5Page - Texas Instruments CD54HCT257 Datasheet HTML 6Page - Texas Instruments CD54HCT257 Datasheet HTML 7Page - Texas Instruments CD54HCT257 Datasheet HTML 8Page - Texas Instruments CD54HCT257 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Switching Specifications Input tr, tf = 6ns
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
TYP
MAX
MAX
MAX
HC TYPES
Propagation Delay
In to Y
tPLH, tPHL
CL = 50pF
2
-
150
190
225
ns
4.5
-
30
38
45
ns
CL = 15pF
5
12
-
-
-
ns
CL = 50pF
6
-
26
33
38
ns
Propagation Delay
S to Y
tPLH, tPHL
CL = 50pF
2
-
175
220
265
ns
4.5
-
35
44
53
ns
CL = 15pF
5
14
-
-
-
ns
CL = 50pF
6
-
30
37
45
ns
Propagation Delay
OE to Y
tPLZ, tPHZ,
tPZL, tPZH
CL = 50pF
2
-
150
190
225
ns
CL = 50pF
4.5
-
30
38
45
ns
CL = 15pF
5
12
-
-
-
ns
CL = 50pF
6
-
26
33
38
ns
Output Transition Times
tTLH, tTHL
CL = 50pF
2
-
60
75
90
ns
4.5
-
12
15
18
ns
6
-
10
13
15
ns
Input Capacitance
CI
--
-
10
10
10
pF
Three-State Output
Capacitance
CO
--
-
20
20
20
pF
Power Dissipation
Capacitance
(Notes 3, 4)
CPD
-
5
45
-
-
-
pF
HCT TYPES
Propagation Delay
In to Y
tPLH, tPHL
CL = 50pF
4.5
-
33
41
50
ns
CL = 15pF
5
13
-
-
-
ns
Propagation Delay
S to Y
tPZL, tPZH
CL = 50pF
4.5
-
38
48
57
ns
CL = 15pF
5
12
-
-
-
ns
Propagation Delay
OE to Y
tPLZ, tPHZ
CL = 50pF
4.5
-
30
38
45
ns
CL = 15pF
5
16
-
-
-
ns
Output Transition Times
tTLH, tTHL
CL = 50pF
4.5
-
12
15
18
ns
Input Capacitance
CI
--
-
10
10
10
pF
Three-State Output
Capacitance
CO
--
-
20
20
20
pF
Power Dissipation
Capacitance
(Notes 3, 4)
CPD
-
5
45
-
-
-
pF
NOTES:
3. CPD is used to determine the dynamic power consumption, per multiplexer.
4. PD = VCC
2 f
i (CPD + CL) where fi = Input Frequency, CL = Output Load Capacitance, VCC = Supply Voltage.
CD54HC257, CD74HC257, CD54HCT257, CD74HCT257


Similar Part No. - CD54HCT257

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT257F3A TI1-CD54HCT257F3A Datasheet
462Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
More results

Similar Description - CD54HCT257

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC257 TI1-CD54HC257_14 Datasheet
462Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
CD74HC257 TI-CD74HC257 Datasheet
52Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad 2-Input Multiplexer with Three-State Non-Inverting Outputs
logo
Intersil Corporation
CD54AC257 INTERSIL-CD54AC257 Datasheet
10Kb / 1P
   Quad 2-Input Multiplexer Three-State, Non-Inverting
June 1997
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74AC257 TI-CD74AC257 Datasheet
287Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_07 Datasheet
455Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_08 Datasheet
485Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD54HCT251 TI-CD54HCT251 Datasheet
271Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD54HC251 TI1-CD54HC251_14 Datasheet
463Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 8-Input Multiplexer, Three-State
CD74HC251 TI-CD74HC251 Datasheet
37Kb / 7P
[Old version datasheet]   High Speed CMOS Logic 8-Input Multiplexer; Three-State
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com