Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW06-5V8B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BZW06-5V8B
Description  600 W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BZW06-5V8B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BZW06-5V8B Datasheet HTML 1Page - List of Unclassifed Manufacturers BZW06-5V8B Datasheet HTML 2Page - List of Unclassifed Manufacturers BZW06-5V8B Datasheet HTML 3Page - List of Unclassifed Manufacturers BZW06-5V8B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type
I
RM
at
(V)
(mA)
(V)
(A)
Maximum Reverse
Leakage Current
Breakdown Voltage
(1)
V
BR
at
I
R
Max. Clamping Voltage
at
V
CL
I
PP
max. 1 ms. Expo.
Max.
Nom.
Min.
(V)
(µA)
Bidirectional
BZW06-5V8B
BZW06-6V4B
BZW06-7V0B
BZW06-7V8B
BZW06-8V5B
BZW06-9V4B
BZW06-10B
BZW06-11B
BZW06-13B
BZW06-14B
BZW06-15B
BZW06-17B
BZW06-19B
BZW06-20B
BZW06-23B
BZW06-26B
BZW06-28B
BZW06-31B
BZW06-33B
BZW06-37B
BZW06-40B
BZW06-44B
BZW06-48B
BZW06-53B
BZW06-58B
BZW06-64B
BZW06-70B
BZW06-78B
BZW06-85B
BZW06-94B
BZW06-102B
BZW06-111B
BZW06-128B
BZW06-136B
BZW06-145B
BZW06-154B
BZW06-171B
BZW06-188B
BZW06-213B
BZW06-239B
BZW06-256B
1000
500
200
50
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5.8
6.4
7.02
7.78
8.55
9.4
10.2
11.1
12.8
13.6
15.3
17.1
18.8
20.5
23.1
25.6
28.2
30.8
33.3
36.8
40.2
43.6
47.8
53
58.1
64.1
70.1
77.8
85.8
94
102
111
128
136
145
154
171
188
213
239
256
6.45
7.13
7.79
8.65
9.5
10.5
11.4
12.4
14.3
15.2
17.1
19
20.9
22.8
25.7
28.5
31.4
34.2
37.1
40.9
44.7
48.5
53.2
58.9
64.6
71.3
77.9
86.5
95
105
114
124
143
152
161
171
190
209
237
266
285
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
160
170
180
200
220
250
280
300
7.5
8.25
9.02
10
11
12.1
13.2
14.3
16.5
17.6
19.8
22
24.2
26.4
29.7
33
36.3
39.6
42.9
47.3
51.7
56.1
61.6
68.2
74.8
82.5
90.2
100
110
121
132
143
165
176
187
198
220
242
275
308
330
10
10
10
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
10.5
11.3
12.1
13.4
14.5
15.6
16.7
18.2
21.2
22.5
25.2
27.7
30.6
33.2
37.5
41.5
45.7
49.9
53.9
59.3
64.8
70.1
77
85
92
103
113
125
137
152
165
179
207
219
234
246
274
301
344
384
414
(1) Tested with pulses.
Pulse test: tp
≤ 50 ms; < 2%
BZW06B
V
RM
57
53
50
45
41
38
36
33
28
27
24
22
20
18
16
14.5
13.1
12
11.1
10.1
9.3
8.6
7.8
7.1
6.5
5.8
5.3
4.8
4.4
3.9
3.6
3.4
2.9
2.7
2.6
2.4
2.2
2
1.8
1.7
1.6
Jan - 00


Similar Part No. - BZW06-5V8B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-5V8B STMICROELECTRONICS-BZW06-5V8B Datasheet
172Kb / 6P
   TRANSIL
logo
EIC discrete Semiconduc...
BZW06-5V8B EIC-BZW06-5V8B Datasheet
49Kb / 4P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
Taiwan Semiconductor Co...
BZW06-5V8B TSC-BZW06-5V8B Datasheet
82Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Galaxy Semi-Conductor H...
BZW06-5V8B BILIN-BZW06-5V8B Datasheet
123Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
BZW06-5V8B TAYCHIPST-BZW06-5V8B Datasheet
3Mb / 3P
   Voltage regulator dides
More results

Similar Description - BZW06-5V8B

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com