Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZA968AVL Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BZA968AVL
Description  Quadruple low capacitance ESD suppressor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZA968AVL Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BZA968AVL Datasheet HTML 2Page - NXP Semiconductors BZA968AVL Datasheet HTML 3Page - NXP Semiconductors BZA968AVL Datasheet HTML 4Page - NXP Semiconductors BZA968AVL Datasheet HTML 5Page - NXP Semiconductors BZA968AVL Datasheet HTML 6Page - NXP Semiconductors BZA968AVL Datasheet HTML 7Page - NXP Semiconductors BZA968AVL Datasheet HTML 8Page - NXP Semiconductors BZA968AVL Datasheet HTML 9Page - NXP Semiconductors BZA968AVL Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
2003 Oct 20
6
Philips Semiconductors
Product specification
Quadruple low capacitance ESD suppressor
BZA900AVL series
handbook, full pagewidth
MLE005
450
50
Note 1: attenuator is only used for open
socket high voltage measurements
IEC 1000-4-2 network
CZ = 150 pF; RZ = 330 Ω
1/4 BZA900AVL
RG 223/U
50
Ω coax
RZ
CZ
ESD TESTER
DIGITIZING
OSCILLOSCOPE
10
×
ATTENUATOR
note 1
GND
GND1
GND2
GND3
GND
GND
unclamped
+1 kV ESD voltage waveform
(IEC 1000-4-2 network)
clamped
+1 kV ESD voltage waveform
(IEC 1000-4-2 network)
unclamped
−1 kV ESD voltage waveform
(IEC 1000-4-2 network)
clamped
−1 kV ESD voltage waveform
(IEC 1000-4-2 network)
vertical scale = 5 V/div
horizontal scale = 50 ns/div
BZA968AVL
BZA962AVL
BZA956AVL
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 200 V/div
horizontal scale = 50 ns/div
vertical scale = 5 V/div
horizontal scale = 50 ns/div
Fig.6 ESD clamping test set-up and waveforms.


Similar Part No. - BZA968AVL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZA968AVL NXP-BZA968AVL Datasheet
177Kb / 11P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
Nexperia B.V. All right...
BZA968AVL NEXPERIA-BZA968AVL Datasheet
389Kb / 12P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
More results

Similar Description - BZA968AVL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BZA900AVL_SER NEXPERIA-BZA900AVL_SER Datasheet
389Kb / 12P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
NXP Semiconductors
BZA900AVL NXP-BZA900AVL Datasheet
177Kb / 11P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
BZA856AVL PHILIPS-BZA856AVL Datasheet
191Kb / 11P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
Nexperia B.V. All right...
BZA800AVL_SERIES NEXPERIA-BZA800AVL_SERIES Datasheet
220Kb / 12P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
NXP Semiconductors
BZA800AVL NXP-BZA800AVL Datasheet
191Kb / 11P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
Nexperia B.V. All right...
BZA800AVL_SER NEXPERIA-BZA800AVL_SER Datasheet
220Kb / 12P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
logo
NXP Semiconductors
BZA900AVL PHILIPS-BZA900AVL_15 Datasheet
177Kb / 11P
   Quadruple low capacitance ESD suppressor
2003 Oct 20
PESDXL4UW PHILIPS-PESDXL4UW Datasheet
85Kb / 9P
   Low capacitance quadruple ESD protection array
2004 Apr 06
logo
Comchip Technology
CLCS145V0-G COMCHIP-CLCS145V0-G Datasheet
52Kb / 1P
   Low Capacitance Bidirectional ESD / Transient Suppressor
logo
Stackpole Electronics, ...
ESD SEI-ESD Datasheet
205Kb / 3P
   Low and Ultra Low Capacitance ESD Suppressor
12/12/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com