Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSX45 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # BSX45
Description  Small Signal Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BSX45 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  BSX45 Datasheet HTML 1Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Small Signal Transistors
TO-39 Case (Continued)
66
www.centralsemi.com
TYPE NO.
DESCRIPTION
VCBO
VCEO
VEBO ICBO @VCB
hFE
@ IC @ VCE VCE(SAT)@IC fT
Cob
ton
toff
NF
(V)
(V)
(V)
(
µµA)
(V)
(mA)
(V)
(V)
(mA)
(MHz)
(pF)
(ns)
(ns)
(dB)
*VCER
*ICEO
*TYP *TYP *TYP *TYP
*TYP
**ICES
***ICEV
****ICER
MIN
MIN
MIN
MIN
MAX
MAX
MIN
MAX
MAX
MAX
MAX
BFX86
NPN AMPL/SWITCH
45
35
6.0
0.50
30
70
300
150
10
1.00
500
- -
- -
- -
- -
- -
BFX87
PNP AMPL/SWITCH
50
50
4.0
0.50
50
40
- -
150
10
0.40
150
100
12
60
150
- -
BFX88
PNP AMPL/SWITCH
40
40
4.0
0.50
40
40
- -
150
10
0.40
150
12
60
150
- -
- -
BFX98
NPN AMPL/SWITCH
150
150
6.0
0.10
100
15
- -
100
10
1.00
25
- -
- -
- -
- -
- -
BFY50
NPN AMPL/SWITCH
80
35
6.0
0.05
60
30
- -
150
10
1.00
1,000
60
12
- -
- -
- -
BFY51
NPN AMPL/SWITCH
60
30
6.0
0.05
40
40
- -
150
10
1.60
1,000
50
12
- -
- -
- -
BFY52
NPN AMPL/SWITCH
40
20
6.0
0.05
30
60
- -
150
10
1.6
1,000
50
12
- -
- -
- -
BFY55
NPN AMPL/SWITCH
80
35
7.0
0.01
60
40
120
150
10
1.00
1,000
60
12
- -
- -
- -
BFY56A
NPN AMPL/SWITCH
85
55
7.0
0.02**
50
40
120
150
1.0
1.00
1,000
60
25
225
800
- -
BFY57
NPN AMPL/SWITCH
125
125
5.0
0.10
100
30
150
30
10
1.50
50
- -
- -
- -
- -
- -
BFY63
NPN AMPL/SWITCH
30
15
4.0
0.05
20
20
120
50
5.0
0.30
50
- -
- -
- -
- -
- -
BFY64
PNP AMPL/SWITCH
40
40
5.0
0.03**
25
80
- -
10
10
0.50
150
200
10
50
120
- -
BFY68A
NPN AMPL/SWITCH
60
25
5.0
0.075
30
75
- -
10
10
1.50
150
- -
- -
- -
- -
- -
BSS44
PNP AMPL/SWITCH
65
60
6.0
500**
60
40
- -
2,000
2.0
1.00
5.0
80*
100
65*
450*
- -
BSS46
PNP AMPL/SWITCH
85
80
6.0
500**
60
25
- -
500
2.0
1.40
5.0
80*
100
65*
450*
- -
BSV12
PNP AMPL/SWITCH
80
80
5.0
0.01
80
63
250
100
1.0
0.50
100
- -
- -
- -
- -
- -
BSV15
PNP AMPL/SWITCH
40
40
5.0
0.10**
40
40
250
100
1.0
1.00
500
50
30
500
- -
- -
BSV16
PNP AMPL/SWITCH
60
60
5.0
0.10**
60
40
250
100
1.0
1.00
500
50
30
500
- -
- -
BSV17
PNP AMPL/SWITCH
90
80
5.0
0.10**
80
40
160
100
1.0
1.00
500
50
30
500
- -
- -
BSV64
NPN HIGH CURRENT
100
80
5.0
10
60
40
- -
2,000
2.0
1.00
5.0K
100*
80
600
1,200
- -
BSW65
NPN HIGH VOLTAGE
80
80
6.0
100
40
40
- -
100
5.0
1.00
1,000
80*
35
300* 1,000*
- -
BSW66
NPN HIGH VOLTAGE
100
100
6.0
100
50
40
- -
100
5.0
1.00
1,000
80*
35
500* 1,000*
- -
BSW67
NPN HIGH VOLTAGE
120
120
6.0
100
60
40
- -
100
5.0
1.00
1,000
80*
35
500* 1,000*
- -
BSW68
NPN HIGH VOLTAGE
150
150
6.0
100
75
40
- -
100
5.0
1.00
1,000
80*
35
500* 1,000*
- -
BSW68A NPN AMPL/SWITCH
150
150
6.0
100
75
30
- -
500
5.0
1.00
1,000
80*
35
500* 1,000*
- -
BSX45
NPN AMPL/SWITCH
80
40
7.0
0.03**
60
40
250
100
1.0
1.00
1,000
50
25
- -
- -
3.5*
BSX46
NPN AMPL/SWITCH
100
60
7.0
0.03**
60
40
250
100
1.0
1.00
1,000
50
20
- -
- -
3.5*
BSX47
NPN AMPL/SWITCH
120
80
7.0
0.03**
80
40
160
100
1.0
0.90
500
50
15
- -
- -
3.5*
BSX59
NPN CORE DRIVER
70
45
5.0
0.50
40
30
90
500
1.0
1.00
1,000
250
10
35
60
- -
BSX60
NPN CORE DRIVER
70
30
5.0
0.50
40
30
90
500
1.0
1.00
1,000
250
10
40
70
- -
BSX61
NPN CORE DRIVER
70
45
5.0
0.50
40
30
90
500
1.0
1.30
1,000
250
10
50
100
- -
BSX62
NPN HIGH CURRENT
60
40
5.0
0.10**
40
63
250
1,000
1.0
0.80
2,000
30
70
300
1,500
- -
BSX63
NPN HIGH CURRENT
80
60
5.0
0.10**
60
63
250
1,000
1.0
0.80
2,000
30
70
300
1,500
- -
BSX64
NPN HIGH CURRENT
100
80
5.0
0.10**
80
63
160
1,000
1.0
0.80
2,000
30
70
300
1,500
- -
BSX95
NPN AMPL/SWITCH
75
30
7.0
0.01
60
40
120
150
10
0.20
150
100
25
- -
- -
- -
BSX96
NPN AMPL/SWITCH
75
30
7.0
0.01
60
100
300
150
10
0.20
150
100
25
- -
- -
- -
BSY34
NPN AMPL/SWITCH
60
40
5.0
0.07
50
25
- -
100
1.0
1.00
500
- -
- -
- -
- -
- -
BSY51
NPN AMPL/SWITCH
60
25
5.0
0.10
30
40
120
150
10
0.80
150
100*


Similar Part No. - BSX45

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSX45 PHILIPS-BSX45 Datasheet
53Kb / 8P
   NPN medium power transistors
1997 Apr 23
logo
Siemens Semiconductor G...
BSX45 SIEMENS-BSX45 Datasheet
277Kb / 8P
   NPN SILICON PLANAR TRANSISTORS
logo
Seme LAB
BSX45 SEME-LAB-BSX45 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
logo
Comset Semiconductor
BSX45 COMSET-BSX45 Datasheet
79Kb / 3P
   NPN MEDIUM POWER TRANSISTORS
logo
Continental Device Indi...
BSX45 CDIL-BSX45 Datasheet
94Kb / 4P
   NPN SILICON PLANAR TRANSISTORS
More results

Similar Description - BSX45

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N3011 CENTRAL-2N3011 Datasheet
33Kb / 1P
   Small Signal Transistors
BFR1 CENTRAL-BFR1 Datasheet
33Kb / 1P
   Small Signal Transistors
BUY68 CENTRAL-BUY68 Datasheet
56Kb / 1P
   Small Signal Transistors
2N5785 CENTRAL-2N5785 Datasheet
56Kb / 1P
   Small Signal Transistors
PN5133 CENTRAL-PN5133 Datasheet
56Kb / 1P
   Small Signal Transistors
2N3576 CENTRAL-2N3576 Datasheet
534Kb / 1P
   Small Signal Transistors
2N5183 CENTRAL-2N5183 Datasheet
33Kb / 1P
   Small Signal Transistors
2N4030 CENTRAL-2N4030 Datasheet
55Kb / 1P
   Small Signal Transistors
logo
New Jersey Semi-Conduct...
2N2309 NJSEMI-2N2309 Datasheet
81Kb / 1P
   Small Signal Transistors
logo
Central Semiconductor C...
2N3402 CENTRAL-2N3402 Datasheet
54Kb / 1P
   Small Signal Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com