Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BT168GW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BT168GW
Description  Thyristors; logic level for RCD/GFI/LCCB applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BT168GW Datasheet(HTML) 2 Page - NXP Semiconductors

  BT168GW Datasheet HTML 1Page - NXP Semiconductors BT168GW Datasheet HTML 2Page - NXP Semiconductors BT168GW Datasheet HTML 3Page - NXP Semiconductors BT168GW Datasheet HTML 4Page - NXP Semiconductors BT168GW Datasheet HTML 5Page - NXP Semiconductors BT168GW Datasheet HTML 6Page - NXP Semiconductors BT168GW Datasheet HTML 7Page - NXP Semiconductors BT168GW Datasheet HTML 8Page - NXP Semiconductors BT168GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
9397 750 13509
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 04 — 12 November 2004
2 of 11
Philips Semiconductors
BT168GW
Thyristors; logic level for RCD/GFI/LCCB applications
4.
Limiting values
[1]
Although not recommended, off-state voltages up to 800 V may be applied without damage, but the thyristor may switch to the on-state.
The rate of rise of current should not exceed 15 A/
µs.
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM, VRRM
repetitive peak off-state voltage
[1] -
600
V
IT(AV)
average on-state current
half sine wave; Tsp ≤ 112 °C;
see Figure 1
-
0.63
A
IT(RMS)
RMS on-state current
all conduction angles;
see Figure 4 and 5
-1
A
ITSM
non-repetitive peak on-state current
half sine wave; Tj =25 °C prior to
surge; see Figure 2 and 3
t = 10 ms
-
8
A
t = 8.3 ms
-
9
A
I2tI2t for fusing
t = 10 ms
-
0.32
A2s
dIT/dt
repetitive rate of rise of on-state
current after triggering
ITM = 2 A; IG = 10 mA;
dIG/dt = 100 mA/µs
-50
A/
µs
IGM
peak gate current
-
1
A
VGM
peak gate voltage
-
5
V
VRGM
peak reverse gate voltage
-
5
V
PGM
peak gate power
-
2
W
PG(AV)
average gate power
over any 20 ms period
-
0.1
W
Tstg
storage temperature
−40
+150
°C
Tj
junction temperature
-
125
°C
a = form factor = IT(RMS)/IT(AV).
Fig 1.
Total power dissipation as a function of average on-state current; maximum values
IT(AV) (A)
0
0.8
0.6
0.4
0.2
001aab496
0.2
0.6
1
Ptot
(W)
0
119
113
110
Tsp(max)
(
°C)
125
4
0.4
0.8
116
122
a =
1.57
1.9
2.8
2.2
conduction
angle
(degrees)
form
factor
a
30
60
90
120
180
4
2.8
2.2
1.9
1.57
α


Similar Part No. - BT168GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT168GW PHILIPS-BT168GW Datasheet
52Kb / 7P
   Thyristors logic level for RCD/ GFI/ LCCB applications
September 1997 Rev 1.100
logo
WeEn Semiconductors
BT168GW WEEN-BT168GW Datasheet
228Kb / 15P
   SCR
logo
NXP Semiconductors
BT168GWF PHILIPS-BT168GWF Datasheet
218Kb / 13P
   Fast commutation performance for higher frequency operation
11 July 2014
logo
WeEn Semiconductors
BT168GWF WEEN-BT168GWF Datasheet
223Kb / 14P
   SCR
More results

Similar Description - BT168GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT168 PHILIPS-BT168 Datasheet
43Kb / 6P
   Thyristors logic level for RCD/ GFI/ LCCB applications
September 1997 Rev 1.100
BT168W PHILIPS-BT168W Datasheet
52Kb / 7P
   Thyristors logic level for RCD/ GFI/ LCCB applications
September 1997 Rev 1.100
BT258S-800R PHILIPS-BT258S-800R Datasheet
49Kb / 6P
   Thyristors logic level
October 2002-Rev 2.000
BT148W PHILIPS-BT148W Datasheet
53Kb / 7P
   Thyristors logic level
October 1997 Rev 1.300
BT150S PHILIPS-BT150S Datasheet
49Kb / 6P
   Thyristors logic level
October 1997 Rev 1.100
logo
Guangdong Kexin Industr...
BT169DW KEXIN-BT169DW Datasheet
79Kb / 2P
   Thyristors logic level
logo
Tiger Electronic Co.,Lt...
C106M TGS-C106M Datasheet
57Kb / 1P
   Thyristors logic level
BT169D TGS-BT169D Datasheet
152Kb / 1P
   Thyristors logic level
logo
NXP Semiconductors
BT169 PHILIPS-BT169 Datasheet
67Kb / 12P
   Thyristors logic level
Rev. 04-23 August 2004
BT148 PHILIPS-BT148 Datasheet
43Kb / 6P
   Thyristors logic level
October 1997 Rev 1.300
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com