Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGY787 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BGY787
Description  750 MHz, 21.5 dB gain push-pull
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY787 Datasheet(HTML) 5 Page - NXP Semiconductors

  BGY787 Datasheet HTML 1Page - NXP Semiconductors BGY787 Datasheet HTML 2Page - NXP Semiconductors BGY787 Datasheet HTML 3Page - NXP Semiconductors BGY787 Datasheet HTML 4Page - NXP Semiconductors BGY787 Datasheet HTML 5Page - NXP Semiconductors BGY787 Datasheet HTML 6Page - NXP Semiconductors BGY787 Datasheet HTML 7Page - NXP Semiconductors BGY787 Datasheet HTML 8Page - NXP Semiconductors BGY787 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
9397 750 14773
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 08 — 1 April 2005
5 of 11
Philips Semiconductors
BGY787
750 MHz, 21.5 dB gain push-pull amplifier
[1]
fp = 55.25 MHz; Vp = 44 dBmV; fq = 541.25 MHz; Vq = 44 dBmV; measured at fp +fq = 596.5 MHz.
[2]
Measure according to DIN45004B;
fp = 590.25 MHz; Vp =Vo; fq = 597.25 MHz; Vq =Vo − 6 dB; fr = 599.25 MHz; Vr =Vo − 6 dB; measured at fp +fq − fr = 588.25 MHz.
[3]
The module normally operates at VB = 24 V, but is able to withstand supply transients up to 30 V.
Table 7:
Characteristics at bandwidth 40 MHz to 600 MHz
VB = 24 V; Tcase =30 °C; ZS =ZL =75 Ω.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
Gp
power gain
f = 50 MHz
21
21.5
22
dB
f = 600 MHz
21.5
-
-
dB
SL
slope cable equivalent
f = 40 MHz to 600 MHz
0
-
1.5
dB
FL
flatness of frequency response f = 40 MHz to 600 MHz
-
-
±0.3 dB
s11
input return losses
f = 40 MHz to 80 MHz
20
33
-
dB
f = 80 MHz to 160 MHz
18.5
30
-
dB
f = 160 MHz to 320 MHz
17
25
-
dB
f = 320 MHz to 600 MHz
16
22.5
-
dB
s22
output return losses
f = 40 MHz to 80 MHz;
20
28.5
-
dB
f = 80 MHz to 160 MHz
18.5
27.5
-
dB
f = 160 MHz to 320 MHz
17
25
-
dB
f = 320 MHz to 600 MHz
16
22
-
dB
ϕS21
phase response
f = 50 MHz
−45
-
+45
deg
CTB
composite triple beat
85 channels flat; Vo = 44 dBmV; measured at
595.25 MHz
-
−59.5 −58 dB
Xmod
cross modulation
85 channels flat; Vo = 44 dBmV; measured at
55.25 MHz
-
−55.5 −53 dB
CSO
composite second order
distortion
85 channels flat; Vo = 44 dBmV; measured at
596.5 MHz
-
−64
−56 dB
d2
second order distortion
[1] --
−68 dB
Vo
output voltage
dim = −60 dB
[2] 62.5
-
-
dBmV
F
noise figure
see Table 5
---
dB
Itot
total current consumption (DC)
[3] -
220
240
mA


Similar Part No. - BGY787

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGY787 PHILIPS-BGY787 Datasheet
54Kb / 11P
   CATV amplifier module
Rev. 08-1 April 2005
BGY787 NXP-BGY787 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
logo
Quanzhou Jinmei Electro...
BGY787 JMNIC-BGY787_15 Datasheet
65Kb / 12P
   750 MHz, 21.5 dB gain push-pull amplifier
BGY787_2015 JMNIC-BGY787_2015 Datasheet
65Kb / 12P
   750 MHz, 21.5 dB gain push-pull amplifier
More results

Similar Description - BGY787

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BGY787_2015 JMNIC-BGY787_2015 Datasheet
65Kb / 12P
   750 MHz, 21.5 dB gain push-pull amplifier
BGY787 JMNIC-BGY787_15 Datasheet
65Kb / 12P
   750 MHz, 21.5 dB gain push-pull amplifier
BGY687_2015 JMNIC-BGY687_2015 Datasheet
55Kb / 8P
   600 MHz, 21.5 dB gain push-pull amplifier
BGY887 JMNIC-BGY887_15 Datasheet
65Kb / 12P
   860 MHz, 21.5 dB gain push-pull amplifier
logo
NXP Semiconductors
CGY887 PHILIPS-CGY887 Datasheet
51Kb / 8P
   870 MHz, 21.5 dB gain push-pull amplifier
2002 Jun 27
logo
Quanzhou Jinmei Electro...
BGY687 JMNIC-BGY687_15 Datasheet
55Kb / 8P
   600 MHz, 21.5 dB gain push-pull amplifier
logo
NXP Semiconductors
BGY687 NXP-BGY687 Datasheet
163Kb / 7P
   600 MHz, 21.5 dB gain push-pull amplifier
2001 Nov 08
logo
Quanzhou Jinmei Electro...
BGY887_2015 JMNIC-BGY887_2015 Datasheet
65Kb / 12P
   860 MHz, 21.5 dB gain push-pull amplifier
BGE788C__2015 JMNIC-BGE788C__2015 Datasheet
51Kb / 7P
   750 MHz, 34 dB gain push-pull amplifier
logo
NXP Semiconductors
BGE788 NXP-BGE788_01 Datasheet
55Kb / 8P
   750 MHz, 34 dB gain push-pull amplifier
2001 Nov 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com