Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1504ASVL-20AI44 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATF1504ASVL-20AI44
Description  Low-voltage, Complex Programmable Logic Device
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASVL-20AI44 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATF1504ASVL-20AI44 Datasheet HTML 1Page - ATMEL Corporation ATF1504ASVL-20AI44 Datasheet HTML 2Page - ATMEL Corporation ATF1504ASVL-20AI44 Datasheet HTML 3Page - ATMEL Corporation ATF1504ASVL-20AI44 Datasheet HTML 4Page - ATMEL Corporation ATF1504ASVL-20AI44 Datasheet HTML 5Page - ATMEL Corporation ATF1504ASVL-20AI44 Datasheet HTML 6Page - ATMEL Corporation ATF1504ASVL-20AI44 Datasheet HTML 7Page - ATMEL Corporation ATF1504ASVL-20AI44 Datasheet HTML 8Page - ATMEL Corporation ATF1504ASVL-20AI44 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
ATF1504ASV(L)
1409I–PLD–2/03
Block Diagram
Unused product terms are automatically disabled by the compiler to decrease power
consumption. A security fuse, when programmed, protects the contents of the
ATF1504ASV(L). Two bytes (16 bits) of User Signature are accessible to the user for
purposes such as storing project name, part number, revision or date. The User Signa-
ture is accessible regardless of the state of the security fuse.
The ATF1504ASV(L) device is an in-system programmable (ISP) device. It uses the
industry-standard 4-pin JTAG interface (IEEE Std. 1149.1), and is fully-compliant with
JTAG’s Boundary-scan Description Language (BSDL). ISP allows the device to be pro-
grammed without removing it from the printed circuit board. In addition to simplifying the
manufacturing flow, ISP also allows design modifications to be made in the field via
software.
Product Terms and Select
Mux
Each ATF1504ASV(L) macrocell has five product terms. Each product term receives as
its inputs all signals from both the global bus and regional bus.
The product term select multiplexer (PTMUX) allocates the five product terms as
needed to the macrocell logic gates and control signals. The PTMUX programming is
determined by the design compiler, which selects the optimum macrocell configuration.


Similar Part No. - ATF1504ASVL-20AI44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504ASVL-20AI44 ATMEL-ATF1504ASVL-20AI44 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
More results

Similar Description - ATF1504ASVL-20AI44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
AT22LV10 ATMEL-AT22LV10_14 Datasheet
415Kb / 12P
   Low-voltage Programmable Logic Device
AT22LV10L ATMEL-AT22LV10L_14 Datasheet
415Kb / 12P
   Low-voltage Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com