Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF1504ASVL Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATF1504ASVL
Description  Low-voltage, Complex Programmable Logic Device
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1504ASVL Datasheet(HTML) 1 Page - ATMEL Corporation

  ATF1504ASVL Datasheet HTML 1Page - ATMEL Corporation ATF1504ASVL Datasheet HTML 2Page - ATMEL Corporation ATF1504ASVL Datasheet HTML 3Page - ATMEL Corporation ATF1504ASVL Datasheet HTML 4Page - ATMEL Corporation ATF1504ASVL Datasheet HTML 5Page - ATMEL Corporation ATF1504ASVL Datasheet HTML 6Page - ATMEL Corporation ATF1504ASVL Datasheet HTML 7Page - ATMEL Corporation ATF1504ASVL Datasheet HTML 8Page - ATMEL Corporation ATF1504ASVL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
Features
High-density, High-performance, Electrically-erasable Complex
Programmable Logic Device
– 3.0 to 3.6V Operating Range
– 64 Macrocells
– 5 Product Terms per Macrocell, Expandable up to 40 per Macrocell
– 44, 68, 84, 100 Pins
– 15 ns Maximum Pin-to-pin Delay
– Registered Operation up to 77 MHz
– Enhanced Routing Resources
In-System Programmability (ISP) via JTAG
Flexible Logic Macrocell
– D/T/Latch Configurable Flip-flops
– Global and Individual Register Control Signals
– Global and Individual Output Enable
– Programmable Output Slew Rate
– Programmable Output Open-collector Option
– Maximum Logic Utilization by Burying a Register with a COM Output
Advanced Power Management Features
– Automatic 5 µA Standby for “L” Version
– Pin-controlled 100 µA Standby Mode (Typical)
– Programmable Pin-keeper Circuits on Inputs and I/Os
– Reduced-power Feature per Macrocell
Available in Commercial and Industrial Temperature Ranges
Available in 44-, 68-, and 84-lead PLCC; 44- and 100-lead TQFP; and 100-lead PQFP
Advanced EE Technology
– 100% Tested
– Completely Reprogrammable
– 10,000 Program/Erase Cycles
– 20 Year Data Retention
– 2000V ESD Protection
– 200 mA Latch-up Immunity
JTAG Boundary-scan Testing to IEEE Std. 1149.1-1990 and 1149.1a-1993 Supported
PCI-compliant
Security Fuse Feature
Enhanced Features
Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
Output Enable Product Terms
Transparent-latch Mode
Combinatorial Output with Registered Feedback within Any Macrocell
Three Global Clock Pins
ITD (Input Transition Detection) Circuits on Global Clocks, Inputs and I/O
Fast Registered Input from Product Term
Programmable “Pin-keeper” Option
V
CC Power-up Reset Option
Pull-up Option on JTAG Pins TMS and TDI
Advanced Power Management Features
– Edge-controlled Power-down “L”
– Individual Macrocell Power Option
– Disable ITD on Global Clocks, Inputs and I/O
Low-voltage,
Complex
Programmable
Logic Device
ATF1504ASV
ATF1504ASVL
Rev. 1409I–PLD–2/03


Similar Part No. - ATF1504ASVL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504ASVL ATMEL-ATF1504ASVL Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
logo
Microchip Technology
ATF1504ASVL MICROCHIP-ATF1504ASVL Datasheet
1Mb / 30P
   ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
Revision A 03/2019
logo
ATMEL Corporation
ATF1504ASVL-20AC100 ATMEL-ATF1504ASVL-20AC100 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504ASVL-20AC44 ATMEL-ATF1504ASVL-20AC44 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504ASVL-20AI100 ATMEL-ATF1504ASVL-20AI100 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
More results

Similar Description - ATF1504ASVL

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504ASV ATMEL-ATF1504ASV_05 Datasheet
577Kb / 31P
   Low-voltage, Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_05 Datasheet
706Kb / 35P
   Highperformance Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC Datasheet
333Kb / 14P
   High-speed Complex Programmable Logic Device
ATF1504ASL ATMEL-ATF1504ASL Datasheet
393Kb / 33P
   High performance Complex Programmable Logic Device
ATF750C ATMEL-ATF750C Datasheet
411Kb / 16P
   High-speed Complex Programmable Logic Device
ATF1504AS ATMEL-ATF1504AS_14 Datasheet
1Mb / 31P
   High-performance Complex Programmable Logic Device
ATF750C ATMEL-ATF750C_08 Datasheet
508Kb / 25P
   High-speed Complex Programmable Logic Device
ATF750LVC ATMEL-ATF750LVC_08 Datasheet
441Kb / 19P
   High-speed Complex Programmable Logic Device
AT22LV10 ATMEL-AT22LV10_14 Datasheet
415Kb / 12P
   Low-voltage Programmable Logic Device
AT22LV10L ATMEL-AT22LV10L_14 Datasheet
415Kb / 12P
   Low-voltage Programmable Logic Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com