Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5332KAC-TRL Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APL5332KAC-TRL
Description  CMOS LDO with Source-Sink & Output Selection Functions
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5332KAC-TRL Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APL5332KAC-TRL Datasheet HTML 6Page - Anpec Electronics Coropration APL5332KAC-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APL5332KAC-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APL5332KAC-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APL5332KAC-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APL5332KAC-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APL5332KAC-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APL5332KAC-TRL Datasheet HTML 13Page - Anpec Electronics Coropration APL5332KAC-TRL Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.3 - Oct., 2003
APL5332
www.anpec.com.tw
10
Application Information
Layout and Thermal Consideration
The input capacitors are normally placed near VIN for
good performances. Ceramic decoupling capacitors
for load must be placed as close to the load to re-
duce the parasitic inductors of traces. It is also rec-
ommended that the APL5332 and output capacitors
are placed near the load for good load regulation and
transient response. The negative pins of the input and
output capacitors and the GND pin of the APL5332
are connected to analog ground plane of the load.
See Figure 1. The SOP-8-P is a cost-effective pack-
age featuring a small size as a standard SOP-8 and
a bottom thermal pad to minimize the thermal resis-
tance of the package, being applicable to high cur-
rent applications. The thermal pad of SOP-8-P or TO-
252-5 is soldered to the top ground pad which is con-
nected to the internal or bottom ground plane by sev-
eral vias. The printed circuit board (PCB) forms a heat
sink and dissipates major heat into ambient air.
Thermal resistance consists of two main elements,
θ
JC
(junction-to-case thermal resistance) and
θCA (case-
to-ambient thermal resistance).
θJC is specified from
the IC junction to the bottom of the thermal pad di-
rectly below the die.
θCA is the resistance from the
bottom of thermal pad to the ambient air and it in-
cludes
θCS (case-to-sink thermal resistance) and (sink-
to-ambient thermal resistance). The specified path for
heat flow is the lowest resistance path and it dissipates
major heat to the ambient air. Normally
θCA is major re-
sistance in the path. Enlarging the internal or bottom
ground plane reduces the resistance
θCA . The relation-
ship between power dissipation and temperatures is
PD = (TJ - TA) /
θJA
where,
PD : power dissipation
TJ : Junction Temperature
TA : Ambient Temperature
θ JA : Junction-to-Ambient Thermal Resistance
T herm al pad
Die
Top
ground
pad
Printed
circuit
board
Internal
ground
plane
Vias
Ambient
Air
118 mil
102 mil
SO P-8-P
Figure 1
Figure 2 shows a recommended board layout using
the SOP-8-P package. An area of 140mil*110mil on
the top layer (250mil*250mil) is used as a thermal
pad for APL5332 and is connected to the internal or
bottom ground plane by vias. The vias shold have proper
hole size to retain solder, and help heat conduction.
More area of the internal or bottom plane reduces
θJA
and is better for dissipating power. The recommended
area is without limit. Therefore the PCB and all com-
ponents form a heat sink.
250m il
140m il
Internal or bottom
Ground plane
T op layer
gr ound plane
Solder ing ar ea
for bottom pad
Pad
Vias
12
34
8
76
5
Figure 2


Similar Part No. - APL5332KAC-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5330 ANPEC-APL5330 Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KAE-TR ANPEC-APL5330KAE-TR Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KAE-TRL ANPEC-APL5330KAE-TRL Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KE-TR ANPEC-APL5330KE-TR Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
APL5330KE-TRL ANPEC-APL5330KE-TRL Datasheet
669Kb / 17P
   Dual Input 2A Low Dropout Regulator
More results

Similar Description - APL5332KAC-TRL

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX38913 MAXIM-MAX38913 Datasheet
909Kb / 19P
   4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output-Voltage Selection
19-101015; Rev 0; 4/21
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
logo
Panasonic Semiconductor
2SC5021 PANASONIC-2SC5021 Datasheet
251Kb / 1P
   Transistors (Selection Guide by Applications and Functions)
2SD2331 PANASONIC-2SD2331 Datasheet
82Kb / 1P
   TRANSISTORS(SELECTION GUIDE BY APPLICATIONS AND FUNCTIONS)
logo
Maxim Integrated Produc...
MAX17015EVKIT MAXIM-MAX17015EVKIT Datasheet
1Mb / 8P
   Automatic System Power-Source Selection
Rev 0; 10/09
logo
Panasonic Semiconductor
2SD2328 PANASONIC-2SD2328 Datasheet
105Kb / 1P
   TRANSISTORS(SELECTION GUIDE BY APPLICATIONS AND FUNCTIONS)
logo
Analog Devices
MAX38913 AD-MAX38913_V01 Datasheet
1Mb / 20P
   4μVRMS Ultra-Low-Noise 1A LDO with Two- Level Output Voltage Selection
19-101015; Rev 3; 4/23
MAX38913 AD-MAX38913 Datasheet
1Mb / 18P
   4μVRMS Ultra-Low-Noise 1A LDO with Two-Level Output Voltage Selection
Rev 2; 10/22
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com