Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1501AK5 Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1501AK5
Description  150Khz, 5A PWM Buck DC/DC Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1501AK5 Datasheet(HTML) 1 Page - Anachip Corp

  AP1501AK5 Datasheet HTML 1Page - Anachip Corp AP1501AK5 Datasheet HTML 2Page - Anachip Corp AP1501AK5 Datasheet HTML 3Page - Anachip Corp AP1501AK5 Datasheet HTML 4Page - Anachip Corp AP1501AK5 Datasheet HTML 5Page - Anachip Corp AP1501AK5 Datasheet HTML 6Page - Anachip Corp AP1501AK5 Datasheet HTML 7Page - Anachip Corp AP1501AK5 Datasheet HTML 8Page - Anachip Corp AP1501AK5 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AP1501A
150Khz, 5A PWM Buck DC/DC Converter
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 0.4 Feb 19, 2004
1/11
Features
- Output voltage: 3.3V, 5V, 12V and adjustable
output version
- Adjustable version output voltage range, 1.23V to
37V+4%
- 150Khz +15% fixed switching frequency
- Voltage mode non-synchronous PWM control
- Thermal-shutdown and current-limit protection
- ON/OFF shutdown control input
- Operating voltage can be up to 40V
- Output load current: 5A
- TO220-5L, TO220-5L(R) and TO263-5L packages
- Low power standby mode
- Built-in switching transistor on chip
Applications
- Simple High-efficiency step-down regulator
- On-card switching regulators
- Positive to negative converter
General Description
The AP1501A series are monolithic IC that design
for a step-down DC/DC converter, and own the
ability of driving a 5A load without additional
transistor component. Due to reducing the number
of external component, the board space can be
saved easily. The external shutdown function can
be controlled by logic level and then come into
standby mode. The internal compensation makes
feedback control have good line and load regulation
without external design. Regarding protected
function, thermal shutdown is to prevent over
temperature operating from damage, and current
limit is against over current operating of the output
switch. The AP1501A series operates at a
switching frequency of 150Khz thus allowing
smaller sized filter components than what would be
needed with lower frequency switching regulators.
Other features include a guaranteed +4% tolerance
on output voltage under specified input voltage and
output load conditions, and +15% on the oscillator
frequency. The output version included fixed 3.3V,
5V, 12V, and an adjustable type. The packages are
available in a standard 5-lead TO-220 package and
a 5-lead TO-263.
Pin Assignments
TO220-5L/TO220-5L(R)
( Top View )
( Top View )
TO263-5L
1 V
IN
5 SD
4 FB
3 Gnd
2 Output
Metal Tab GND
1 V
IN
5 SD
4 FB
3 Gnd
2 Output
Pin Descriptions
Name
Description
VIN
Operating voltage input
Output
Switching output
Gnd
Ground
FB
Output voltage feedback control
SD
ON/OFF Shutdown


Similar Part No. - AP1501AK5

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501A ANACHIP-AP1501A Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
AP1501A DIODES-AP1501A Datasheet
367Kb / 13P
   5A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501A-12K5 ANACHIP-AP1501A-12K5 Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
AP1501A-12K5A ANACHIP-AP1501A-12K5A Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
More results

Similar Description - AP1501AK5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1501A DIODES-AP1501A Datasheet
231Kb / 12P
   150KHz, 5A PWM BUCK DC/DC CONVERTER
AP1501A Rev. 7
logo
Anachip Corp
AP1501A ANACHIP-AP1501A_1 Datasheet
203Kb / 12P
   150Khz, 5A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX3203 ETC-AX3203 Datasheet
190Kb / 7P
   150KHz, 5A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com