Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN7504SB Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # AN7504SB
Description  Pre-amp. and power amp. IC for 1.5 V headphone stereo
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN7504SB Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button AN7504SB Datasheet HTML 2Page - Panasonic Semiconductor AN7504SB Datasheet HTML 3Page - Panasonic Semiconductor AN7504SB Datasheet HTML 4Page - Panasonic Semiconductor AN7504SB Datasheet HTML 5Page - Panasonic Semiconductor AN7504SB Datasheet HTML 6Page - Panasonic Semiconductor AN7504SB Datasheet HTML 7Page - Panasonic Semiconductor AN7504SB Datasheet HTML 8Page - Panasonic Semiconductor AN7504SB Datasheet HTML 9Page - Panasonic Semiconductor AN7504SB Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AN7504SB
6
SDC00029BEB
Pin No.
Equivalent circuit
Description
Waveform (typ.)
15
L-BST CNT:
DC 0 V
Low boost on/off control
L-BST on
Pin open
L-BST off
Voltage low:
− 0.3 V < V
11-19 < 0.3 V
16
L-BST C:
Low boost Capacitor pin
DC 0.78 V
17
LPF2-C:
LPF2 Capacitor pin
DC 0.78 V
18
L-BST C1:
Low boost Capacitor pin
DC 0.78 V
15
50 k
50 k
10 k
VRPF
GND
16
15 k
7.5 k
7.5 k
15 k
+
GND
VREF
17
45 k
7.5 k
15 k
+
GND
VRPF
VREF
18
3 k
30 k
30 k
3 k
+
GND
VRPF
VREF
I Terminal Equivalent Circuits (continued)
Note) The values mentioned below are the typical ones and is subject to change due to application condition and dispersion of IC.


Similar Part No. - AN7504SB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7500FHQ PANASONIC-AN7500FHQ Datasheet
144Kb / 16P
   aUDIO SIGNAL PROCESSING ic FOR 1.5 v HEADPHONE STEREO
More results

Similar Description - AN7504SB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4535M SANYO-LA4535M Datasheet
68Kb / 3P
   Power Amp For 1.5V Headphone Stereo
logo
New Japan Radio
NJM2151A NJRC-NJM2151A Datasheet
132Kb / 9P
   MONAURAL POWER AMP. & HEADPHONE POWER AMP. IC
logo
Panasonic Semiconductor
AN7500FHQ PANASONIC-AN7500FHQ Datasheet
144Kb / 16P
   aUDIO SIGNAL PROCESSING ic FOR 1.5 v HEADPHONE STEREO
logo
Sanyo Semicon Device
LA4534M SANYO-LA4534M Datasheet
193Kb / 8P
   3V CD Headphone-stereo Power Amp
logo
Panasonic Semiconductor
AN7208SA PANASONIC-AN7208SA Datasheet
87Kb / 8P
   TV/FM front-end IC for 1.5 V headphone stereo
logo
Sanyo Semicon Device
LA4575 SANYO-LA4575 Datasheet
126Kb / 3P
   2-Channel Pre Power 3V Headphone Amp
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Sanyo Semicon Device
LA4582CM SANYO-LA4582CM Datasheet
143Kb / 6P
   Pre Power Amplifier for 3-V Headphone Stereo Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com