Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN80P18RSP Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AN80P18RSP
Description  5-pin, low dropout voltage regulator with standby function (1 A type)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN80P18RSP Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN80P18RSP Datasheet HTML 1Page - Panasonic Semiconductor AN80P18RSP Datasheet HTML 2Page - Panasonic Semiconductor AN80P18RSP Datasheet HTML 3Page - Panasonic Semiconductor AN80P18RSP Datasheet HTML 4Page - Panasonic Semiconductor AN80P18RSP Datasheet HTML 5Page - Panasonic Semiconductor AN80P18RSP Datasheet HTML 6Page - Panasonic Semiconductor AN80P18RSP Datasheet HTML 7Page - Panasonic Semiconductor AN80P18RSP Datasheet HTML 8Page - Panasonic Semiconductor AN80P18RSP Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AN80PxxRSP Series
4
SFF00010CEB
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output voltage
VOUT
VIN = 2.8 V, IOUT = 500 mA
1.746
1.8
1.854
V
Line regulation
REGIN
VIN = 2.8 V → 14.0 V, IOUT = 250 mA

18
mV
Load regulation
REGLOA VIN = 2.8 V, IOUT = 0 mA → 1 000 mA

36
mV
Peak output current
IPEAK
VIN = 2.8 V, The output current value 1 200

mA
when VOUT decreases by 5% from
its value at IOUT = 500 mA.
Bias current under no load
IBIAS
VIN = 2.8 V, IOUT = 0 mA
1.1
3.0
mA
Bias current fluctuation to input
∆I
BIAS(IN)
VIN = 2.8 V → 14.0 V, IOUT = 250 mA
−5
5mA
Bias current fluctuation to load
∆I
BIAS(LOA)
VIN = 2.8 V, IOUT = 0 mA → 1 000 mA

50
mA
Standby consumption current
ISTB
VIN = 14.0 V, VCONT = 0 V

3.0
µA
Bias current before starting regulation
IRUSH
VIN = 1.710 V, IOUT = 0 A

5mA
Control terminal current
ICONT
VIN = 2.8 V, IOUT = 500 mA

30
µA
VCONT = 1.8 V
Ripple rejection ratio 1
RR1
VIN = 3.8 V ± 1 V[p-p]
58.8

dB
f
= 120 Hz, I
OUT = 100 mA
Minimum input/
VDIF(min)1 VIN = 1.9 V, IOUT = 500 mA
0.30
0.60
V
output voltage difference 1
Minimum input/
VDIF(min)2 VIN = 2.0 V, IOUT = 1 000 mA

1.0
V
output voltage difference 2
Control terminal threshold high voltage
VCONTH
VIN = 2.8 V
1.45
1.80
V
Control terminal threshold low voltage
VCONTL
VIN = 2.8 V
0.50
0.70
V
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Ripple rejection ratio 2
RR2
VIN = 3.8 V ± 1 V[p-p], COUT = 33 +0.1 µF
30
dB
f
= 500 kHz, I
OUT = 100 mA
Output noise voltage
VNO
10 Hz
≤ f ≤ 100 kHz, I
OUT = 100 mA
40
µV[rms]
CNR
= 1 µF, V
IN = 2.8 V
Output voltage temperature
dVOUT
VIN = 2.8 V, IOUT = 5 mA
±40
 ppm/°C
coefficient
dTa
−30°C ≤ T
a ≤ +125°C
Output short-circuit current
IOSHORT
VIN = 14.0 V, VOUT = GND
2 000
mA
Overheat protection operating
TjTH
VIN = 2.8 V, IOUT = 5 mA
150
°C
temperature
I Electrical Characteristics at Ta = 25°C
• AN80P18RSP (1.8 V type)
Unless otherwise specially provided, shorten each test time (within 10 ms) so that the test is conducted under the condition that
the drift due to the temperature increase in the chip junction part can be neglected. CIN = 100 µF, CNR = Open, COUT = 0.1 µF
• Design reference data
Note) The following values are typical and not guaranteed values.


Similar Part No. - AN80P18RSP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8000M PANASONIC-AN8000M Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8001FHK PANASONIC-AN8001FHK Datasheet
66Kb / 8P
   Gradation voltage generation IC for liquid crystal display
AN8002 PANASONIC-AN8002 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN8002 PANASONIC-AN8002 Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
More results

Similar Description - AN80P18RSP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN80MXXRSP PANASONIC-AN80MXXRSP Datasheet
307Kb / 29P
   5-pin, low dropout voltage regulator with standby function (500 mA type)
logo
Acutechnology Semicondu...
AQ1541 ACUTECH-AQ1541 Datasheet
664Kb / 10P
   Low Dropout 1 Amp Voltage Regulator with Enable Function
logo
Panasonic Semiconductor
AN7700 PANASONIC-AN7700 Datasheet
169Kb / 21P
   Low-dropout three-pin voltage regulator 1.2-A type
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
logo
Sanyo Semicon Device
L88R05 SANYO-L88R05_10 Datasheet
323Kb / 6P
   5 V, 1 A Voltage-regulator ICs with Reset Function
logo
NEC
UPC29S00 NEC-UPC29S00 Datasheet
74Kb / 16P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF FUNCTION
logo
STMicroelectronics
LEXX STMICROELECTRONICS-LEXX Datasheet
1Mb / 24P
   Very low-dropout voltage regulator with inhibit function
May 2017 Rev 15
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Linear Dimensions Semic...
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
ON Semiconductor
NCP706B ONSEMI-NCP706B Datasheet
203Kb / 10P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com