Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5392BST-3 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5392BST-3
Description  8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5392BST-3 Datasheet(HTML) 4 Page - Analog Devices

  AD5392BST-3 Datasheet HTML 1Page - Analog Devices AD5392BST-3 Datasheet HTML 2Page - Analog Devices AD5392BST-3 Datasheet HTML 3Page - Analog Devices AD5392BST-3 Datasheet HTML 4Page - Analog Devices AD5392BST-3 Datasheet HTML 5Page - Analog Devices AD5392BST-3 Datasheet HTML 6Page - Analog Devices AD5392BST-3 Datasheet HTML 7Page - Analog Devices AD5392BST-3 Datasheet HTML 8Page - Analog Devices AD5392BST-3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD5390/AD5391/AD5392
Rev. A | Page 4 of 44
AD5390-5/AD5391-5/AD5392-5 SPECIFICATIONS
AVDD = 4.5 V to 5.5 V; DVDD = 2.7 V to 5.5 V; AGND = DGND = 0 V; REFIN = 2.5 V external.
All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
AD5390-5
1
AD5392-51
AD5391-5
1
Unit
Test Conditions/Comments
ACCURACY
Resolution
14
12
Bits
Relative Accuracy
±3
±1
LSB max
Differential Nonlinearity
−1/+2
±1
LSB max
Guaranteed monotonic over temperature.
Zero-Scale Error
4
4
mV max
Offset Error
±4
±4
mV max
Measured at code 32 in the linear region.
Offset Error TC
±5
±5
µV/°C typ
Gain Error
±0.024
± 0.024
% FSR max
At 25°C TMIN to TMAX.
±0.06
±0.06
% FSR max
Gain Temperature Coefficient2
2
2
ppm FSR/°C typ
DC Crosstalk
2
0.5
0.5
LSB max
REFERENCE INPUT/OUTPUT
Reference Input
2
Reference Input Voltage
2.5
2.5
V
±1% for specified performance,
AVDD = 2 × REFIN + 50 mV.
DC Input Impedance
1
1
MΩ min
Typically 100 MΩ.
Input Current
±1
±1
µA max
Typically ±30 nA.
Reference Range
1 V to
AVDD/2
1 V to AVDD/2
V min/max
Reference Output 3
Enabled via internal/external bit in control
register. REF select bit in control register
selects the reference voltage.
Output Voltage
2.495/2.505
2.495/2.505
V min/max
At ambient, optimized for 2.5 V operation.
1.22/1.28
1.22/1.28
V min/max
At ambient when 1.25 V reference is selected.
Reference TC
±10
±10
ppm max
Temperature range: 25°C to 85°C.
±15
±15
ppm max
Temperature range: −40°C to +85°C.
Output Impedance
2.2
2.2
kΩ typ
OUTPUT CHARACTERISTICS
2
Output Voltage Range4
0/AVDD
0/AVDD
V min/max
Short-Circuit Current
40
40
mA max
Load Current
±1
±1
mA max
Capacitive Load Stability
RL = ∞
200
200
pF max
RL = 5 kΩ
1,000
1,000
pF max
DC Output Impedance
0.5
0.5
Ω max
MONITOR OUTPUT PIN
Output Impedance
500
500
Ω typ
Three-State Leakage Current
100
100
nA typ
LOGIC INPUTS
2
DVDD = 2.7 V to 5.5 V.
VIH, Input High Voltage
2
2
V min
VIL, Input Low Voltage
0.8
0.8
V max
Input Current
±10
±10
µA max
Total for all pins. TA = TMIN to TMAX.
Pin Capacitance
10
10
pF max


Similar Part No. - AD5392BST-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5392BST-3 AD-AD5392BST-3 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5392BST-3 AD-AD5392BST-3 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

Similar Description - AD5392BST-3

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_12 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. E
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
AD5541 AD-AD5541 Datasheet
186Kb / 12P
   5 V, Serial-Input Voltage-Output, 16-Bit DACs
REV. A
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com