Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AGB3300 Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # AGB3300
Description  50OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AGB3300 Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button AGB3300 Datasheet HTML 3Page - ANADIGICS, Inc AGB3300 Datasheet HTML 4Page - ANADIGICS, Inc AGB3300 Datasheet HTML 5Page - ANADIGICS, Inc AGB3300 Datasheet HTML 6Page - ANADIGICS, Inc AGB3300 Datasheet HTML 7Page - ANADIGICS, Inc AGB3300 Datasheet HTML 8Page - ANADIGICS, Inc AGB3300 Datasheet HTML 9Page - ANADIGICS, Inc AGB3300 Datasheet HTML 10Page - ANADIGICS, Inc AGB3300 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet - Rev 2.1
06/2003
7
AGB3300
Figure 14: Output 3rd-Order Intercept vs. Power
(VSUPPLY = +5 VDC, 1900 MHz Application Circuit)
Figure 13: 1900 MHz Application Circuit (50W Terminations)
1900 MHz Application
(1710 - 1990 MHz)
R
E
T
E
M
A
R
A
P
P
Y
T
T
I
N
U
S
:
n
i
a
G
1
2
5
.
1
1B
d
S
:
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
1
1
9
-B
d
S
:
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O
2
2
0
1
-B
d
3
P
I
t
u
p
t
u
O
)
1
(
3
4m
B
d
e
r
u
g
i
F
e
s
i
o
N3
.
2B
d
B
d
1
P
:
n
o
i
s
s
e
r
p
m
o
C
B
d
1
t
u
p
t
u
O3
2
+m
B
d
Table 6: 1900 MHz Application Performance
Figure 15: Gain vs. Frequency
(VSUPPLY = +5 VDC, 1900 MHz Application Circuit)
Figure 16: Return Loss vs. Frequency
(VSUPPLY = +5 VDC, 1900 MHz Application Circuit)
Note:
(1) OIP3 is measured with two tones: 1900 MHz and
1901 MHz, +5dBm output per tone.
25
30
35
40
45
50
0
2468
10
12
14
16
18
Output Power per tone (dBm)
0
2
4
6
8
10
12
14
16
0
300
600
900
1200
1500
1800
2100
2400
2700
3000
Frequency (MHz)
V
SUPPLY
AGB3300
Coilcraft 0805CS series
10nH
2pF
2pF
0.01uF
RF
Input
RF
Output
2.7nH
3.3nH
4.7nH
V
DD
Capacitors are Murata GRM39 series.
Inductors < 10nH are TOKO LL1608 series.
-40
-35
-30
-25
-20
-15
-10
-5
0
5
0
300
600
900
1200
1500
1800
2100
2400
2700
3000
Frequency (MHz)
S11
S22


Similar Part No. - AGB3300

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AGB3301 ANADIGICS-AGB3301 Datasheet
331Kb / 16P
   50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3301 ANADIGICS-AGB3301 Datasheet
1Mb / 16P
   50ohm High Linearity Low Noise Wideband Gain Block
AGB3301RS24Q1 ANADIGICS-AGB3301RS24Q1 Datasheet
1Mb / 16P
   50ohm High Linearity Low Noise Wideband Gain Block
AGB3301S24Q1 ANADIGICS-AGB3301S24Q1 Datasheet
331Kb / 16P
   50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3301 ANADIGICS-AGB3301_12 Datasheet
1Mb / 16P
   50ohm High Linearity Low Noise Wideband Gain Block
More results

Similar Description - AGB3300

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AGB3301 ANADIGICS-AGB3301_12 Datasheet
1Mb / 16P
   50ohm High Linearity Low Noise Wideband Gain Block
AGB3306 ANADIGICS-AGB3306 Datasheet
265Kb / 8P
   50W High Linearity Low Noise Wideband Gain Block
AGB3303 ANADIGICS-AGB3303 Datasheet
192Kb / 8P
   50 OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3307 ANADIGICS-AGB3307 Datasheet
271Kb / 8P
   50-ohm High Linearity Low Noise Wideband Gain Block
AGB3309 ANADIGICS-AGB3309 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3311 ANADIGICS-AGB3311 Datasheet
295Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3310 ANADIGICS-AGB3310 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3312 ANADIGICS-AGB3312 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3301 ANADIGICS-AGB3301 Datasheet
331Kb / 16P
   50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3302 ANADIGICS-AGB3302 Datasheet
199Kb / 8P
   50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com