Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUM2400 Datasheet(PDF) 6 Page - Analog Devices

Part # ADUM2400
Description  Quad-Channel Digital Isolators, 5KV
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM2400 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADUM2400 Datasheet HTML 2Page - Analog Devices ADUM2400 Datasheet HTML 3Page - Analog Devices ADUM2400 Datasheet HTML 4Page - Analog Devices ADUM2400 Datasheet HTML 5Page - Analog Devices ADUM2400 Datasheet HTML 6Page - Analog Devices ADUM2400 Datasheet HTML 7Page - Analog Devices ADUM2400 Datasheet HTML 8Page - Analog Devices ADUM2400 Datasheet HTML 9Page - Analog Devices ADUM2400 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADuM2400/ADuM2401/ADuM2402
Preliminary Technical Data
Rev. PrD| Page 6 of 23
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
SWITCHING SPECIFICATIONS
ADuM240xARW
Minimum Pulsewidth3
PW
1000
ns
CL = 15pF, CMOS signal levels
Maximum Data Rate4
1
Mbps
CL = 15pF, CMOS signal levels
Propagation Delay5
tPHL, tPLH
50
75
100
ns
CL = 15pF, CMOS signal levels
Pulsewidth Distortion, |tPLH – tPHL|5
PWD
40
ns
CL = 15pF, CMOS signal levels
Propagation Delay Skew6
tPSK
50
ns
CL = 15pF, CMOS signal levels
Channel-to-Channel Matching7
tPSKCD/OD
50
ns
CL = 15pF, CMOS signal levels
ADuM240xBRW
Minimum Pulsewidth3
PW
100
ns
CL = 15pF, CMOS signal levels
Maximum Data Rate4
10
Mbps
CL = 15pF, CMOS signal levels
Propagation Delay5
tPHL, tPLH
20
38
50
ns
CL = 15pF, CMOS signal levels
Pulsewidth Distortion, |tPLH – tPHL|5
PWD
3
ns
CL = 15pF, CMOS signal levels
Change Versus Temperature
5
ps/°C
CL = 15pF, CMOS signal levels
Propagation Delay Skew6
tPSK
22
ns
CL = 15pF, CMOS signal levels
Channel-to-Channel Matching, Co-Directional
Channels7
tPSKCD
3
ns
CL = 15pF, CMOS signal levels
Channel-to-Channel Matching, Opposing-Directional
Channels7
tPSKOD
6
ns
CL = 15pF, CMOS signal levels
ADuM240xCRW
Minimum Pulsewidth3
PW
8.3
11.1
ns
CL = 15pF, CMOS signal levels
Maximum Data Rate4
90
120
Mbps
CL = 15pF, CMOS signal levels
Propagation Delay5
tPHL, tPLH
20
34
45
ns
CL = 15pF, CMOS signal levels
Pulsewidth Distortion, |tPLH – tPHL|5
PWD
0.5
2
ns
CL = 15pF, CMOS signal levels
Change Versus Temperature
3
ps/°C
CL = 15pF, CMOS signal levels
Propagation Delay Skew6
tPSK
16
ns
CL = 15pF, CMOS signal levels
Channel-to-Channel Matching, Co-Directional
Channels7
tPSKCD
2
ns
CL = 15pF, CMOS signal levels
Channel-to-Channel Matching, Opposing-Directional
Channels7
tPSKOD
5
ns
CL = 15pF, CMOS signal levels
For All Models
Output Disable Propagation Delay
(High/Low to High Impedance)
tPHZ, tPLH
6
8
ns
CL = 15pF, CMOS signal levels
Output Enable Propagation Delay
(High Impedance to High/Low)
tPZH, tPZL
6
8
ns
CL = 15pF, CMOS signal levels
Output Rise/Fall Time (10%–90%)
tR/tF
3
ns
CL = 15pF, CMOS signal levels
Common Mode Transient Immunity at Logic High
Output8
|CMH|
25
35
kV/µs
VIx = VDD1/DD2, VCM = 1000 V,
transient magnitude = 800 V
Common Mode Transient Immunity at Logic Low
Output8
|CML|
25
35
kV/µs
VIx = 0 V, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
1.1
Mbps
Input Dynamic Supply Current, per Channel9
IDDI(D)
0.10
mA/Mbps
Output Dynamic Supply Current, per Channel9
IDDO(D)
0.03
mA/Mbps
See Notes on next page.


Similar Part No. - ADUM2400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADuM2400 AD-ADuM2400 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM2400 AD-ADUM2400 Datasheet
544Kb / 24P
   Quad-Channel Digital Isolators
Rev. F
ADuM2400ARIZ AD-ADuM2400ARIZ Datasheet
304Kb / 24P
   Quad-Channel Digital Isolators
REV. D
ADuM2400ARIZ AD-ADuM2400ARIZ Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM2400ARIZ AD-ADUM2400ARIZ Datasheet
544Kb / 24P
   Quad-Channel Digital Isolators
Rev. F
More results

Similar Description - ADUM2400

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1400CRW-RL AD-ADUM1400CRW-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1401WSRWZ-RL AD-ADUM1401WSRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1410 AD-ADUM1410_10 Datasheet
691Kb / 24P
   Quad-Channel Digital Isolators
Rev. H
ADUM2402 AD-ADUM2402_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_15 Datasheet
422Kb / 24P
   Quad-Channel Digital Isolators
Rev. J
ADUM1402ARWZ-RL AD-ADUM1402ARWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM1400CRWZ-RL AD-ADUM1400CRWZ-RL Datasheet
490Kb / 32P
   Quad-Channel Digital Isolators
Rev. H
ADUM2401 AD-ADUM2401_15 Datasheet
417Kb / 24P
   Quad-Channel Digital Isolators
Rev. E
ADUM1410 AD-ADUM1410_07 Datasheet
600Kb / 24P
   Quad-Channel Digital Isolators
Rev. G
ADUM1400 AD-ADUM1400_15 Datasheet
578Kb / 32P
   Quad-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com