Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5391BST-5-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # AD5391BST-5-REEL
Description  8-/16-Channel, 3 V/5 V, Serial Input, Single- Supply, 12-/14-Bit Voltage Output DACs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5391BST-5-REEL Datasheet(HTML) 1 Page - Analog Devices

  AD5391BST-5-REEL Datasheet HTML 1Page - Analog Devices AD5391BST-5-REEL Datasheet HTML 2Page - Analog Devices AD5391BST-5-REEL Datasheet HTML 3Page - Analog Devices AD5391BST-5-REEL Datasheet HTML 4Page - Analog Devices AD5391BST-5-REEL Datasheet HTML 5Page - Analog Devices AD5391BST-5-REEL Datasheet HTML 6Page - Analog Devices AD5391BST-5-REEL Datasheet HTML 7Page - Analog Devices AD5391BST-5-REEL Datasheet HTML 8Page - Analog Devices AD5391BST-5-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
8-/16-Channel, 3 V/5 V, Serial Input, Single-
Supply, 12-/14-Bit Voltage Output DACs
AD5390/AD5391/AD5392
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
AD5390: 16-channel, 14-bit voltage output DAC
AD5391: 16-channel, 12-bit voltage output DAC
AD5392: 8-channel, 14-bit voltage output DAC
Guaranteed monotonic
INL: ±1 LSB max (AD5391)
±3 LSB max (AD5390-5/AD5392-5)
±4 LSB max (AD5390-3/AD5392-3)
On-chip 1.25 V/2.5 V, 10 ppm/°C reference
Temperature range: −40°C to +85°C
Rail-to-rail output amplifier
Power-down mode
Package types:
64-lead LFCSP (9 mm × 9 mm)
52-lead LQFP (10 mm × 10 mm)
User interfaces:
Serial SPI
®-, QSPI-, MICROWIRE-, and DSP-compatible
(featuring data readback)
I2C
®-compatible interface
INTEGRATED FUNCTIONS
Channel monitor
Simultaneous output update via LDAC
Clear function to user-programmable code
Amplifier boost mode to optimize slew rate
User-programmable offset and gain adjust
Toggle mode enables square wave generation
Thermal monitor
APPLICATIONS
Instrumentation and industrial control
Power amplifier control
Level setting (ATE)
Control systems
Microelectromechanical systems (MEMs)
Variable optical attenuators (VOAs)
Optical transceivers (MSA 300, XFP)
FUNCTIONAL BLOCK DIAGRAM
R
DAC 0
R
VOUT 0
DAC
REG
0
14
14
R
DAC 1
R
VOUT 1
VOUT 2
VOUT 3
VOUT 4
VOUT 5
DAC
REG
1
14
14
R
DAC 6
R
VOUT 6
DAC
REG
6
14
14
R
DAC 7
R
VOUT 7
VOUT 8
VOUT 15
DAC
REG
7
14
14
m REG0
c REG0
14
14
14
14
INPUT
REG
0
m REG1
c REG1
14
14
14
14
INPUT
REG
1
m REG6
c REG6
14
14
14
14
INPUT
REG
6
m REG7
c REG7
14
14
14
14
INPUT
REG
7
STATE
MACHINE
AND
CONTROL
LOGIC
INTERFACE
CONTROL
LOGIC
DIN/SDA
DCEN/AD1
SPI/I2C
SCLK/SCL
SYNC/AD0
SDO
1.25V/2.5V
REFERENCE
AD5390
REFOUT/REFIN SIGNAL_GND (
×2)
REF_GND
DAC_GND (
×2)
AGND (
×2)
AVDD (×2)
DGND (
×2)
DVDD (×2)
×2
LDAC
POWER-ON
RESET
BUSY
PD
CLR
RESET
MON_IN1
MON_IN2
MON_OUT
VIN0
VIN15
MUX
Figure 1.


Similar Part No. - AD5391BST-5-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5391BST-5 AD-AD5391BST-5 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5391BST-5 AD-AD5391BST-5 Datasheet
766Kb / 28P
   32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
Rev. PrA
More results

Similar Description - AD5391BST-5-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5391 AD-AD5391_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5392 AD-AD5392_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_15 Datasheet
900Kb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. F
AD5390 AD-AD5390_12 Datasheet
1Mb / 44P
   8-/16-Channel, 3 V/5 V, Serial Input, Single-Supply, 12-/14-Bit Voltage Output
Rev. E
AD5551 AD-AD5551 Datasheet
208Kb / 12P
   5 V, Serial-Input Voltage-Output, 14-Bit DACs
REV. 0
AD5541 AD-AD5541 Datasheet
186Kb / 12P
   5 V, Serial-Input Voltage-Output, 16-Bit DACs
REV. A
AD5384 AD-AD5384 Datasheet
1Mb / 36P
   40-Channel, 3 V/5 V, Single-Supply, Serial, 14-Bit Voltage Output DAC
REV. A
AD5530 AD-AD5530 Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
AD5382 AD-AD5382 Datasheet
616Kb / 40P
   32-Channel, 3 V/5 V, Single-Supply, 14-Bit, Voltage Output DAC
REV. 0
AD5551 AD-AD5551_10 Datasheet
460Kb / 16P
   2.7 V to 5.5 V, Serial-Input, Voltage-Output, 14-Bit DACs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com