Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG3249BRJ-R2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADG3249BRJ-R2
Description  2.5 V/3.3 V, 2:1 Multiplexer/ Demultiplexer Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3249BRJ-R2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG3249BRJ-R2 Datasheet HTML 4Page - Analog Devices ADG3249BRJ-R2 Datasheet HTML 5Page - Analog Devices ADG3249BRJ-R2 Datasheet HTML 6Page - Analog Devices ADG3249BRJ-R2 Datasheet HTML 7Page - Analog Devices ADG3249BRJ-R2 Datasheet HTML 8Page - Analog Devices ADG3249BRJ-R2 Datasheet HTML 9Page - Analog Devices ADG3249BRJ-R2 Datasheet HTML 10Page - Analog Devices ADG3249BRJ-R2 Datasheet HTML 11Page - Analog Devices ADG3249BRJ-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. 0
–8–
ADG3249
For the following load circuit and waveforms, the notation that is used is VIN and VOUT where
VV and V
V or V
V and V
V
IN
A
OUT
B
IN
B
OUT
A
==
==
CONTROL
INPUT
EN
0V
tPLH
VOUT
VT
VIH
VH
VT
VL
tPLH
Figure 2. Propagation Delay
VCC
VIN
VOUT
CL
RL
RL
SW1
GND
2
VCC
RT
DUT
PULSE
GENERATOR
NOTES
PULSE GENERATOR FOR ALL PULSES: tR 2.5ns, tF 2.5ns,
FREQUENCY
10MHz.
CL INCLUDES BOARD, STRAY, AND LOAD CAPACITANCES.
RT IS THE TERMINATION RESISTOR, SHOULD BE EQUAL TO ZOUT
OF THE PULSE GENERATOR.
Figure 1. Load Circuit
TIMING MEASUREMENT INFORMATION
ENABLE
DISABLE
CONTROL INPUT
EN
VIN = 0V
VIN = VCC
VOUT
SW1 @ 2VCC
VOUT
SW1 @ GND
tPLZ
tPZH
tPHZ
tPZL
VT
0V
VCC
VT
VH
VH –V
VL
VL + V
VCC
0V
VT
VINH
0V
Figure 3. Enable and Disable Times
Table III. Switch Position
Test
S1
tPLZ, tPZL
2
× V
CC
tPHZ, tPZH
GND
Test Conditions
Symbol
VCC = 3.3 V
± 0.3 V (SEL = V
CC)VCC = 2.5 V
± 0.2 V (SEL = V
CC)VCC = 3.3 V
± 0.3 V (SEL = 0 V) Unit
RL
500
500
500
V
300
150
150
mV
CL
50
30
30
pF
VT
1.5
0.9
0.9
V


Similar Part No. - ADG3249BRJ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3249 AD-ADG3249_15 Datasheet
226Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
More results

Similar Description - ADG3249BRJ-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3248 AD-ADG3248_15 Datasheet
493Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. A
ADG3248 AD-ADG3248 Datasheet
172Kb / 12P
   2.5 V/ 3.3 V, 2 :1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
ADG3249 AD-ADG3249_15 Datasheet
226Kb / 12P
   2.5 V/3.3 V, 2 1 Multiplexer/ Demultiplexer Bus Switch
REV. 0
logo
Texas Instruments
SN74CB3Q3257 TI-SN74CB3Q3257_08 Datasheet
691Kb / 18P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3257 TI-SN74CB3Q3257_10 Datasheet
509Kb / 17P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
390Kb / 1P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI1-SN74CB3Q3251_15 Datasheet
777Kb / 19P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3251 TI-SN74CB3Q3251 Datasheet
329Kb / 12P
[Old version datasheet]   1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE, HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253_10 Datasheet
641Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
699Kb / 20P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE HIGH-BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com