Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADD8704ARUZ-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # ADD8704ARUZ-REEL
Description  16 V Quad Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8704ARUZ-REEL Datasheet(HTML) 5 Page - Analog Devices

  ADD8704ARUZ-REEL Datasheet HTML 1Page - Analog Devices ADD8704ARUZ-REEL Datasheet HTML 2Page - Analog Devices ADD8704ARUZ-REEL Datasheet HTML 3Page - Analog Devices ADD8704ARUZ-REEL Datasheet HTML 4Page - Analog Devices ADD8704ARUZ-REEL Datasheet HTML 5Page - Analog Devices ADD8704ARUZ-REEL Datasheet HTML 6Page - Analog Devices ADD8704ARUZ-REEL Datasheet HTML 7Page - Analog Devices ADD8704ARUZ-REEL Datasheet HTML 8Page - Analog Devices ADD8704ARUZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADD8704
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3. ADD8704 Stress Ratings1
Parameter
Rating
Supply Voltage (VS)
18 V
Input Voltage
–0.5 V to VS + 0.5 V
Differential Input Voltage
VS
Storage Temperature Range
–65°C to +150°C
Operating Temperature Range
–40°C to +85°C
Junction Temperature Range
–65°C to +150°C
Lead Temperature Range
300°C
ESD Tolerance (HBM)
±1500 V
ESD Tolerance (MM)
175 V
Table 4. Package Characteristics
Package Type
θJA2
θJC
Unit
14-Lead TSSOP (RU)
180
35
°C/W
16-Lead LFCSP (CP)
383
303
°C/W
1 Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
2 θJA is specified for worst-case conditions, i.e., θJA is specified for devices
soldered onto a circuit board for surface-mount packages.
3 DAP is soldered down to PCB.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this part features proprietary
ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic
discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of
functionality.


Similar Part No. - ADD8704ARUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8704 AD-ADD8704 Datasheet
552Kb / 16P
   16 V Quad Operational Amplifier
REV. 0
ADD8704 AD-ADD8704_15 Datasheet
552Kb / 16P
   16 V Quad Operational Amplifier
REV. 0
More results

Similar Description - ADD8704ARUZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8704 AD-ADD8704_15 Datasheet
552Kb / 16P
   16 V Quad Operational Amplifier
REV. 0
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
   Quad operational amplifier
logo
Fujitsu Component Limit...
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
   QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
   Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
   Quad Operational Amplifier
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
   Quad Operational Amplifier
Rev 1.0 16/06/18
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
   QUAD OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
KA324 FAIRCHILD-KA324_12 Datasheet
177Kb / 12P
   Quad Operational Amplifier
logo
New Japan Radio
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
   QUAD OPERATIONAL AMPLIFIER
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
   QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com