Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8641ARZ1 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8641ARZ1
Description  Low Power, Rail-to-Rail Output Precision JFET Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8641ARZ1 Datasheet(HTML) 4 Page - Analog Devices

  AD8641ARZ1 Datasheet HTML 1Page - Analog Devices AD8641ARZ1 Datasheet HTML 2Page - Analog Devices AD8641ARZ1 Datasheet HTML 3Page - Analog Devices AD8641ARZ1 Datasheet HTML 4Page - Analog Devices AD8641ARZ1 Datasheet HTML 5Page - Analog Devices AD8641ARZ1 Datasheet HTML 6Page - Analog Devices AD8641ARZ1 Datasheet HTML 7Page - Analog Devices AD8641ARZ1 Datasheet HTML 8Page - Analog Devices AD8641ARZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD8641
Rev. 0 | Page 4 of 12
@ VS= ±13 V, VCM = 0 V, TA =25°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
70
750
µV
–40° < TA < +125°C
1.5
mV
Input Bias Current
IB
0.25
1
pA
–40°C < TA < +125°C
260
pA
Input Offset Current
IOS
0.5
pA
–40°C < TA < +125°C
35
pA
Input Voltage Range
–13
+10
V
Common-Mode Rejection Ratio
CMRR
VCM = -13 V to +10 V
90
107
dB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = –11 V to +11 V
215
290
V/mV
Offset Voltage Drift
∆VOS/∆T
–40°C < TA < +125°C
2.5
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
+12.94
V
IL = 2 mA, –40°C to +125°C
+12.93
V
Output Voltage Low
VOL
+12.94
V
IL = 2 mA, –40°C to +125°C
–12.93
V
Output Current
IOUT
±12
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = ±2.5 V to ±13 V
90
107
dB
Supply Current/Amplifier
ISY
200
290
µA
–40°C < TA < +125°C
330
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
3
V/µs
Gain Bandwidth Product
GBP
3.5
MHz
Phase Margin
ØO
60
Degrees
NOISE PERFORMANCE
Voltage Noise
eN p-p
f = 0.1 Hz to 10 Hz
4.2
µV p-p
Voltage Noise Density
eN
f = 1 kHz
27.5
nV/√Hz
Current Noise Density
iN
f = 1 kHz
0.5
fA/√Hz


Similar Part No. - AD8641ARZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8641ARZ AD-AD8641ARZ Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8641ARZ AD-AD8641ARZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
AD8641ARZ AD-AD8641ARZ Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
AD8641ARZ-REEL AD-AD8641ARZ-REEL Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8641ARZ-REEL AD-AD8641ARZ-REEL Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
More results

Similar Description - AD8641ARZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
   Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
AD8641 AD-AD8641_16 Datasheet
322Kb / 15P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
AD8642ARMZ AD-AD8642ARMZ Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision JFET Amplifiers
Rev. E
ADA4610S AD-ADA4610S Datasheet
847Kb / 18P
   Low Noise, Precision, Rail to Rail Output, JFET Dual Operational Amplifier
REV. A
AD8641 AD-AD8641_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8642 AD-AD8642_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
AD8643 AD-AD8643_15 Datasheet
264Kb / 16P
   Low Power, Rail-to-Rail Output, Precision
Rev. E
logo
Texas Instruments
OPA145_1807 TI1-OPA145_1807 Datasheet
2Mb / 44P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
OPA145 TI1-OPA145_18 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output, 5.5-MHz JFET Operational Amplifier
logo
Linear Technology
LTC6362 LINER-LTC6362 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com