Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95128-DW3G Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95128-DW3G
Description  256Kbit and 128Kbit Serial SPI Bus EEPROM With High Speed Clock
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-DW3G Datasheet(HTML) 1 Page - STMicroelectronics

  M95128-DW3G Datasheet HTML 1Page - STMicroelectronics M95128-DW3G Datasheet HTML 2Page - STMicroelectronics M95128-DW3G Datasheet HTML 3Page - STMicroelectronics M95128-DW3G Datasheet HTML 4Page - STMicroelectronics M95128-DW3G Datasheet HTML 5Page - STMicroelectronics M95128-DW3G Datasheet HTML 6Page - STMicroelectronics M95128-DW3G Datasheet HTML 7Page - STMicroelectronics M95128-DW3G Datasheet HTML 8Page - STMicroelectronics M95128-DW3G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
1/39
October 2004
M95256
M95128
256Kbit and 128Kbit Serial SPI Bus EEPROM
With High Speed Clock
FEATURES SUMMARY
Compatible with SPI Bus Serial Interface
(Positive Clock SPI Modes)
Single Supply Voltage:
4.5 to 5.5V for M95xxx
2.5 to 5.5V for M95xxx-W
1.8 to 5.5V for M95xxx-R
High Speed
10MHz Clock Rate, 5ms Write Time
Status Register
Hardware Protection of the Status Register
BYTE and PAGE WRITE (up to 64 Bytes)
Self-Timed Programming Cycle
Adjustable Size Read-Only EEPROM Area
Enhanced ESD Protection
More than 100000 Erase/Write Cycles
More than 40-Year Data Retention
Table 1. Product List
Figure 1. Packages
Reference
Part Number
M95256
M95256
M95256-W
M95256-R
M95128
M95128
M95128-W
M95128-R
PDIP8 (BN)
0.25 mm frame
8
1
SO8 (MN)
150 mil width
8
1
TSSOP8 (DW)
169 mil width
SO8 (MW)
200 mil width
8
1


Similar Part No. - M95128-DW3G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95128-DW3G/A STMICROELECTRONICS-M95128-DW3G/A Datasheet
392Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-DW3G/P STMICROELECTRONICS-M95128-DW3G/P Datasheet
392Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-DW3G/P STMICROELECTRONICS-M95128-DW3G/P Datasheet
389Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-DW3G/PC STMICROELECTRONICS-M95128-DW3G/PC Datasheet
389Kb / 44P
   128 Kbit serial SPI bus EEPROM with high speed clock
M95128-DW3GP STMICROELECTRONICS-M95128-DW3GP Datasheet
321Kb / 41P
   128 Kbit Serial SPI bus EEPROM with high speed clock
More results

Similar Description - M95128-DW3G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25CB1282M SANYO-LE25CB1282M Datasheet
297Kb / 13P
   Serial SPI EEPROM (SPI Bus)(128Kbit)
LE25LB2562M SANYO-LE25LB2562M_10 Datasheet
254Kb / 14P
   256Kbit Serial SPI EEPROM (SPI Bus)
logo
Asahi Kasei Microsystem...
AK6516C AKM-AK6516C Datasheet
129Kb / 17P
   SPI bus 256Kbit Serial CMOS EEPROM
logo
STMicroelectronics
M24256-BW STMICROELECTRONICS-M24256-BW Datasheet
454Kb / 25P
   256Kbit and 128Kbit Serial I2C Bus EEPROM With Three Chip Enable Lines
M95512-W STMICROELECTRONICS-M95512-W Datasheet
531Kb / 31P
   512Kbit Serial SPI Bus EEPROM With High Speed Clock
June 2005
M95512 STMICROELECTRONICS-M95512 Datasheet
195Kb / 31P
   512Kbit Serial SPI Bus EEPROM With High Speed Clock
M95080 STMICROELECTRONICS-M95080 Datasheet
648Kb / 40P
   16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock
logo
Sanyo Semicon Device
LE25LB2562M SANYO-LE25LB2562M Datasheet
319Kb / 14P
   256Kbit Serial SPI EEPROM
logo
STMicroelectronics
M95640 STMICROELECTRONICS-M95640 Datasheet
590Kb / 39P
   64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
November 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com