Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSL-LX2573YD-BL5 Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSL-LX2573YD-BL5
Description  2mm X 5mm RECTANGULAR 565mm YELLOW LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX2573YD-BL5 Datasheet(HTML) 1 Page - LUMEX INC.

  SSL-LX2573YD-BL5 Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SSL-LX2573YD-BL5

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX2573YD-BL9 LUMEX-SSL-LX2573YD-BL9 Datasheet
52Kb / 1P
   2mm X 5mm Rectangular, 585mm YELLOW LED
More results

Similar Description - SSL-LX2573YD-BL5

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX2473YD LUMEX-SSL-LX2473YD Datasheet
51Kb / 1P
   2mm X 4mm RECTANGULAR 565mm YELLOW LED
SSL-LX2573GD-WS LUMEX-SSL-LX2573GD-WS Datasheet
52Kb / 1P
   2mm X 5mm RECTANGULAR 565mm GREEN LED
SSL-LX2573YD-BL9 LUMEX-SSL-LX2573YD-BL9 Datasheet
52Kb / 1P
   2mm X 5mm Rectangular, 585mm YELLOW LED
SSL-LX2573LYD LUMEX-SSL-LX2573LYD Datasheet
51Kb / 1P
   2mm X 5mm RECTANGULAR 585mm YELLOW LED
SSL-LX2573SYD LUMEX-SSL-LX2573SYD Datasheet
49Kb / 1P
   2mm X 5mm RECTANGULAR, 590mm AllGap Yellow LED
SSL-LX2573SYC LUMEX-SSL-LX2573SYC Datasheet
49Kb / 1P
   2mm X 5mm RECTANGULAR 590mm AllGap Yellow LEd
logo
List of Unclassifed Man...
SSL-LX2573YD ETC1-SSL-LX2573YD Datasheet
55Kb / 1P
   2mm x 5mm RECTANGULAR, 585mm YELLOW LED, YELLOW DIFFUSED LENS
logo
LUMEX INC.
SSL-LX2579SISYW-CA LUMEX-SSL-LX2579SISYW-CA Datasheet
89Kb / 1P
   2mm X 5mm Rectangular LED
SSL-LX2579YGW LUMEX-SSL-LX2579YGW Datasheet
91Kb / 1P
   2mm X 5mm Rectangular LED
SSL-LX2579IGW LUMEX-SSL-LX2579IGW Datasheet
91Kb / 1P
   2mm X 5mm Rectangular LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com