Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5738 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N5738
Description  SILICON 400MW ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5738 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N5738 Datasheet HTML 1Page - Microsemi Corporation 1N5738 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 1N5738

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N5738A NJSEMI-1N5738A Datasheet
320Kb / 1P
   ELECTRICAL CHARACTERISTICS
logo
Microsemi Corporation
1N5738B MICROSEMI-1N5738B Datasheet
53Kb / 2P
   SILICON 400 mW ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5738B NJSEMI-1N5738B Datasheet
68Kb / 1P
   ZENER VOLTAGE 4.7 TO 75V
logo
Microsemi Corporation
1N5738B MICROSEMI-1N5738B Datasheet
319Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
11-03-2003 REV A
1N5738B-1 MICROSEMI-1N5738B-1 Datasheet
319Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
11-03-2003 REV A
More results

Similar Description - 1N5738

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
1N957B CDIL-1N957B Datasheet
293Kb / 3P
   SILICON 400mW ZENER DIODES 6.8V TO 47V
logo
Solid States Devices, I...
Z00001M SSDI-Z00001M Datasheet
130Kb / 2P
   250mW and 400mW 2.4 ??43 VOLTS ZENER DIODES
SZ25A2.4 SSDI-SZ25A2.4 Datasheet
108Kb / 2P
   250mW and 400mW 2.4 - 43 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
MMSD914 MCC-MMSD914 Datasheet
174Kb / 2P
   400mW Fast Switching Diodes
MMSD914 MCC-MMSD914_16 Datasheet
354Kb / 3P
   400mW Fast Switching Diodes
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com